Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S12-275VPD-RGP21 Datasheet(PDF) 3 Page - Standex Electronics, Inc.

Part # S12-275VPD-RGP21
Description  Digital Ferrous Metal Detection Sensor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STANDEX [Standex Electronics, Inc.]
Direct Link  https://standexelectronics.com/
Logo STANDEX - Standex Electronics, Inc.

S12-275VPD-RGP21 Datasheet(HTML) 3 Page - Standex Electronics, Inc.

  S12-275VPD-RGP21 Datasheet HTML 1Page - Standex Electronics, Inc. S12-275VPD-RGP21 Datasheet HTML 2Page - Standex Electronics, Inc. S12-275VPD-RGP21 Datasheet HTML 3Page - Standex Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
standexelectronics.com
Datasheet
Rev DCA
Page 3
+1 970.879.9900 | sensorsales@standexelectronics.com
Marking
Handling Instructions
Please note: All technical specifications on this series datasheet refer to the standard product range. Modifications in the sense of technical progress are reserved. For
general information only. For more specific information, please consult the product datasheet, available upon request.
This series datasheet could contain technical inaccuracies or typographical errors. Changes are periodically made to the information herein. These change will be
incorporated in future revisions.
For deviating values, most current specifications and products please contact your nearest sales office.
S12-275VPD-RGP21
Digital Ferrous Metal Detection Sensor
CHARACTERISTIC-OPTION_PROGRAMMING MARKED
ON THIS SURFACE yy = PROGRAM #
DATE CODE, THIS SURFACE
275VPD-RG_yy 06A
DO NOT CONTACT
FACE TO FACE
CONTACT WITH OTHER MAGNETS MAY
REDUCE THE MAXIMUM OPERATING GAP
Date Code ‘YYM’
YY = YEAR, M = MONTH
A JAN
D APR
H JUL
L OCT
B FEB
E MAY
J AUG
M NOV
C MAR
G JUN
K SEP
N DEC
RG, Linear Regulator
SensorFunc�on
S12-275VPD
SENSOR
LOAD
5V REG
8 TO 30V
Vout 0-5V
GND



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com