Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S12-275VPD-RGP21 Datasheet(PDF) 1 Page - Standex Electronics, Inc.

Part # S12-275VPD-RGP21
Description  Digital Ferrous Metal Detection Sensor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STANDEX [Standex Electronics, Inc.]
Direct Link  https://standexelectronics.com/
Logo STANDEX - Standex Electronics, Inc.

S12-275VPD-RGP21 Datasheet(HTML) 1 Page - Standex Electronics, Inc.

  S12-275VPD-RGP21 Datasheet HTML 1Page - Standex Electronics, Inc. S12-275VPD-RGP21 Datasheet HTML 2Page - Standex Electronics, Inc. S12-275VPD-RGP21 Datasheet HTML 3Page - Standex Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
standexelectronics.com
Datasheet
Rev DCA
Page 1
+1 970.879.9900 | sensorsales@standexelectronics.com
S12-275VPD-RGP21
Digital Ferrous Metal Detection Sensor
Ferrous Metal Hall Proximity Sensor
.375” detection gap
Regulated input, 0-5V output
Stainless 12x1mm x 35mm housing
Free end PVC 22 AWG wires 1 foot
Part Description:
S 1 2 - 275 VPD - R G P 21
Housing
Sensor Type & Function
Electrical Option
Connection Type
S = Stainless Steel, Thread
Pitch M12x1, 35mm Long
Digital Ferrous Metal
Proximity Sensor
Regulated Input
0-5V Digital Output
P21 = Free End PVC
22AWG Wires
‘Digital Output switches on when
Ferrous Metal is present’
DESCRIPTION
• Digital output turns on when ferrous metal is detected
• Programmed to detect a large steel target at 0.375”
• Target detection gap is dependent on shape/size/ferrous
content.
• Custom programming available for precision repeatable
detection of targets, contact Sensor Solutions.
• Provided lock nuts used to set air gap from target.
FEATURES
• True Zero Speed
• Large Detection Gap
• Internal Hysteresis
• Detects Through Aluminum
CUSTOMER FOCUSED ENGINEERING + MODULAR DESIGN
HOUSING - Aluminum, stainless steel,
plastic, threaded, flange mount,
customer specific
ELECTRICAL - Every sensor function
available in various electrical options
(NPN, PNP, TTL, etc.)
CONNECTION - Deutsch, Amphenol,
many other brands, free end wires,
pigtails, any length
Need a Custom Sensor Solution?... Send us your application specific requirements at
s e n s or s o. c om
Modify, update, or enhance any sensor with our modular features and functionality.


Similar Part No. - S12-275VPD-RGP21

ManufacturerPart #DatasheetDescription
logo
Standex Electronics, In...
S12-275VPD-5VCB2 STANDEX-S12-275VPD-5VCB2 Datasheet
573Kb / 3P
Digital Ferrous Metal Detection Sensor
Rev DCA
More results

Similar Description - S12-275VPD-RGP21

ManufacturerPart #DatasheetDescription
logo
CINCON ELECTRONICS Corp...
MDS-P CINCON-MDS-P Datasheet
428Kb / 2P
Motion Detection Sensor
logo
Panasonic Semiconductor
FX-301-F7 PANASONIC-FX-301-F7 Datasheet
618Kb / 6P
Digital Fiber Sensor for Leak Detection / Liquid Detection Fibers Only
EZ-10 PANASONIC-EZ-10 Datasheet
497Kb / 8P
Water Detection Sensor
EX-F70 PANASONIC-EX-F70 Datasheet
532Kb / 10P
Leak Detection Sensor
logo
TE Connectivity Ltd
CAT-ATS0041 TEC-CAT-ATS0041 Datasheet
94Kb / 1P
GEAR DETECTION SENSOR
logo
Standex Electronics, In...
MFM7-275VPD-RGCD4 STANDEX-MFM7-275VPD-RGCD4 Datasheet
627Kb / 3P
Digital Ferrous Metal Detection Sensor
Rev DDB
S12-275VPD-5VCB2 STANDEX-S12-275VPD-5VCB2 Datasheet
573Kb / 3P
Digital Ferrous Metal Detection Sensor
Rev DCA
S12H-275VPA-RGCB2 STANDEX-S12H-275VPA-RGCB2 Datasheet
475Kb / 3P
Analog Ferrous Metal Position Sensor
Rev ABA
S18-275VPD-RICB1E STANDEX-S18-275VPD-RICB1E Datasheet
587Kb / 3P
Digital Ferrous Metal Detection Sensor
Rev BEA
logo
Sciosense B.V.
ENS160 SCIOSENSE-ENS160 Datasheet
1Mb / 44P
Digital Metal-Oxide Multi-Gas Sensor
Version 1.1 2022-03-30
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com