Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S12-275VPD-RGP21 Datasheet(PDF) 2 Page - Standex Electronics, Inc.

Part # S12-275VPD-RGP21
Description  Digital Ferrous Metal Detection Sensor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STANDEX [Standex Electronics, Inc.]
Direct Link  https://standexelectronics.com/
Logo STANDEX - Standex Electronics, Inc.

S12-275VPD-RGP21 Datasheet(HTML) 2 Page - Standex Electronics, Inc.

  S12-275VPD-RGP21 Datasheet HTML 1Page - Standex Electronics, Inc. S12-275VPD-RGP21 Datasheet HTML 2Page - Standex Electronics, Inc. S12-275VPD-RGP21 Datasheet HTML 3Page - Standex Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
standexelectronics.com
Datasheet
Rev DCA
Page 2
+1 970.879.9900 | sensorsales@standexelectronics.com
Note: Check our website or contact us for details on all our ferrous metal
detection options.
Environmental Specifications
Corrosion Resistance
500 hours salt spray ASTM B-117
Installation Torque
23 Foot-Pounds Maximum
Enclosure
Nema 1,3,4,6,13 & IEC IP67
Vibration
10 G’s 2 to 2000 Hz Sinusodal
Mechanical Shock
100 G’s, 11 mS Half-Sine
S12-275VPD-RGP21
Digital Ferrous Metal Detection Sensor
Electrical Specifications
Conditions
Min
Max
Unit
Temperature Range*
Operating
-40
+110*
Deg C
Supply Voltage, Vcc
Over temperature
+8.0
+30
Volts DC
Supply Current, Output Off
Into Vcc
(typ 8)
+12
mA
Output Current
Continuous
-1
+1
mA
Load Capacitance
Cable and Load
n/a
+1.0
µF
Frequency Range **
Std Programmable
0
500
Hz
Frequency Range **
Max Programmable
0
2000
Hz
Digital Voltage Low Vol
I sink < 1.0 mA
0
(typ 0.2)
Volts
Digital Voltage High Voh
I source < 1.0 mA
4.60
5.5
Volts
Output Rise Time 10-90%
Ro=10k, C<100 pF
-
5
µS
Output Fall Time 90-10%
Ro=10k, C<100 pF
-
5
µS
* T max = 150°C is available, contact factory.
** Frequency, Detection and Hysteresis are Factory Programmable.
Rev D
Absolute Max Limits
Min
Max
Unit
Supply Voltage, Vcc
-24
+30
Volts DC
Voltage at Output
-5
+8.5
Volts
Reverse Supply Current
-
5.0
mA
Peak Output Current
-10
+10
mA
Vout Short Circuit Duration
-
10
Minutes
Connections Chart
Red
Vcc
White
Digital Vout
Black Ground
P21-275VPD
Functional Characteristics
@25
°C
Min
Typ
Max
Sensor Programming + target ferrous content, shape, &
size will affect gaps
Output State, No Target Present:
Low (~0V)
Detect Large Steel Target
T=25C**
0.350” 0.375” 0.400”
Hysteresis, Large Steel Target
T=25C**
.020”
.050”
.080”
Detect 0.5” ø Steel Target
-
.360”
-
Detect 0.1” ø Steel Target
-
.215”
-
** Frequency,Detectionand Hysteresisare Factory
Programmable andcan be decreaseduponrequest.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com