Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S12H-275VPA-RGCB2 Datasheet(PDF) 3 Page - Standex Electronics, Inc.

Part # S12H-275VPA-RGCB2
Description  Analog Ferrous Metal Position Sensor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STANDEX [Standex Electronics, Inc.]
Direct Link  https://standexelectronics.com/
Logo STANDEX - Standex Electronics, Inc.

S12H-275VPA-RGCB2 Datasheet(HTML) 3 Page - Standex Electronics, Inc.

  S12H-275VPA-RGCB2 Datasheet HTML 1Page - Standex Electronics, Inc. S12H-275VPA-RGCB2 Datasheet HTML 2Page - Standex Electronics, Inc. S12H-275VPA-RGCB2 Datasheet HTML 3Page - Standex Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
standexelectronics.com
Datasheet
Rev ABA
Page 3
+1 970.879.9900 | sensorsales@standexelectronics.com
Handling Instructions
Sensor Function
Please note: All technical specifications on this series datasheet refer to the standard product range. Modifications in the sense of technical progress are reserved. For
general information only. For more specific information, please consult the product datasheet, available upon request.
This series datasheet could contain technical inaccuracies or typographical errors. Changes are periodically made to the information herein. These change will be
incorporated in future revisions.
For deviating values, most current specifications and products please contact your nearest sales office.
S12H-275VPA-RGCB2
Analog Ferrous Metal Position Sensor
S12H-275VPA
DO NOT CONTACT
FACE TO FACE
CONTACT WITH OTHER MAGNETS MAY
REDUCE THE MAXIMUM OPERATING GAP
Date Code ‘YYM’
YY = YEAR, M = MONTH
A JAN
D APR
H JUL
L OCT
B FEB
E MAY
J AUG
M NOV
C MAR
G JUN
K SEP
N DEC
RG, Linear Regulator
NO ORIENTATION
REQUIRED
ANY
FERROUS
TARGET
AIR GAP
Marking
CHARACTERISTIC-OPTION_PROGRAMMING MARKED
ON THIS SURFACE
yy = PROGRAM #
DATE CODE, THIS SURFACE
275VPA-RG_yy 06A
SENSOR
LOAD
5V REG
8 TO 30V
Vout 0-5V
GND



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com