Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S12H-275VPA-RGCB2 Datasheet(PDF) 1 Page - Standex Electronics, Inc.

Part # S12H-275VPA-RGCB2
Description  Analog Ferrous Metal Position Sensor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STANDEX [Standex Electronics, Inc.]
Direct Link  https://standexelectronics.com/
Logo STANDEX - Standex Electronics, Inc.

S12H-275VPA-RGCB2 Datasheet(HTML) 1 Page - Standex Electronics, Inc.

  S12H-275VPA-RGCB2 Datasheet HTML 1Page - Standex Electronics, Inc. S12H-275VPA-RGCB2 Datasheet HTML 2Page - Standex Electronics, Inc. S12H-275VPA-RGCB2 Datasheet HTML 3Page - Standex Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
standexelectronics.com
Datasheet
Rev ABA
Page 1
+1 970.879.9900 | sensorsales@standexelectronics.com
S12H-275VPA-RGCB2
Analog Ferrous Metal Position Sensor
Analog Hall Proximity Sensor
.4” detection gap
0-5V output
Stainless 12x1mm x 52mm housing
Integral 4 pin male 12mm micro connector
Part Description:
S 1 2 H - 275 VP A - R GC B 2
Housing
Sensor Type & Function
Electrical Option
Connection Type
S = Stainless Steel, Thread
Pitch M12x1, 52mm Long
Analog Ferrous Metal
Position Sensor
Regulated Input
0-5V Analog Output
CB2 = Integral 4 Pin Male
12mm Micro Connector
‘Analog Output Proportional to Ferrous
Metal Proximity
DESCRIPTION
• Analog output increases as ferrous metal approaches,
decreases as target moves away
• Standard programming goes from 0.5V with no metal present
to 4.5V when contacting steel plate.
• Target detection gap is dependent on shape/size/ferrous
content.
• Custom programming available for precision repeatable
detection of target positions, contact Sensor Solutions.
• Provided lock nuts used to set air gap from target.
FEATURES
• Lower Cost OEM Design
• Wide Temperature Range
• Detects Through Aluminum
• Shock and Vibration Resistant
CUSTOMER FOCUSED ENGINEERING + MODULAR DESIGN
HOUSING - Aluminum, stainless steel,
plastic, threaded, flange mount,
customer specific
ELECTRICAL - Every sensor function
available in various electrical options
(NPN, PNP, TTL, etc.)
CONNECTION - Deutsch, Amphenol,
many other brands, free end wires,
pigtails, any length
Need a Custom Sensor Solution?... Send us your application specific requirements at
s e n s or s o. c om
Modify, update, or enhance any sensor with our modular features and functionality.


Similar Part No. - S12H-275VPA-RGCB2

ManufacturerPart #DatasheetDescription
logo
SHORI
S12H-PA-12 SHORI-S12H-PA-12 Datasheet
123Kb / 5P
Heavy duty 40A general purpose power relays
S12H-PAS-12 SHORI-S12H-PAS-12 Datasheet
123Kb / 5P
Heavy duty 40A general purpose power relays
S12H-PB-12 SHORI-S12H-PB-12 Datasheet
123Kb / 5P
Heavy duty 40A general purpose power relays
S12H-PBS-12 SHORI-S12H-PBS-12 Datasheet
123Kb / 5P
Heavy duty 40A general purpose power relays
S12H-PC-12 SHORI-S12H-PC-12 Datasheet
123Kb / 5P
Heavy duty 40A general purpose power relays
More results

Similar Description - S12H-275VPA-RGCB2

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
AMS22S BOURNS-AMS22S_14 Datasheet
269Kb / 2P
Non-Contacting Analog Rotary Position Sensor
AMS22U BOURNS-AMS22U_14 Datasheet
293Kb / 2P
Non-Contacting Analog Rotary Position Sensor
AMS22B5A1BHAS BOURNS-AMS22B5A1BHAS Datasheet
264Kb / 2P
Non-Contacting Analog Rotary Position Sensor
AMS22S5A1BHAF BOURNS-AMS22S5A1BHAF Datasheet
259Kb / 2P
Non-Contacting Analog Rotary Position Sensor
AMS22S5A1BHBF BOURNS-AMS22S5A1BHBF Datasheet
259Kb / 2P
Non-Contacting Analog Rotary Position Sensor
AMS22U5A1BHAR BOURNS-AMS22U5A1BHAR Datasheet
277Kb / 2P
Non-Contacting Analog Rotary Position Sensor
logo
Standex Electronics, In...
MFM7-275VPD-RGCD4 STANDEX-MFM7-275VPD-RGCD4 Datasheet
627Kb / 3P
Digital Ferrous Metal Detection Sensor
Rev DDB
S12-275VPD-5VCB2 STANDEX-S12-275VPD-5VCB2 Datasheet
573Kb / 3P
Digital Ferrous Metal Detection Sensor
Rev DCA
S12-275VPD-RGP21 STANDEX-S12-275VPD-RGP21 Datasheet
560Kb / 3P
Digital Ferrous Metal Detection Sensor
Rev DCA
S18-275VPD-RICB1E STANDEX-S18-275VPD-RICB1E Datasheet
587Kb / 3P
Digital Ferrous Metal Detection Sensor
Rev BEA
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com