Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S12H-275VPA-RGCB2 Datasheet(PDF) 2 Page - Standex Electronics, Inc.

Part # S12H-275VPA-RGCB2
Description  Analog Ferrous Metal Position Sensor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STANDEX [Standex Electronics, Inc.]
Direct Link  https://standexelectronics.com/
Logo STANDEX - Standex Electronics, Inc.

S12H-275VPA-RGCB2 Datasheet(HTML) 2 Page - Standex Electronics, Inc.

  S12H-275VPA-RGCB2 Datasheet HTML 1Page - Standex Electronics, Inc. S12H-275VPA-RGCB2 Datasheet HTML 2Page - Standex Electronics, Inc. S12H-275VPA-RGCB2 Datasheet HTML 3Page - Standex Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
standexelectronics.com
Datasheet
Rev ABA
Page 2
+1 970.879.9900 | sensorsales@standexelectronics.com
Environmental Specifications
Corrosion Resistance
500 hours salt spray ASTM B-117
Installation Torque
23 Foot-Pounds Maximum
Enclosure
Nema 1,3,4,6,13 & IEC IP67
Vibration
10 G’s 2 to 2000 Hz Sinusodal
Mechanical Shock
100 G’s, 11 mS Half-Sine
S12H-275VPA-RGCB2
Analog Ferrous Metal Position Sensor
Electrical Specifications
Conditions
Min
Max
Unit
Temperature Range*
Operating
-40
+110*
Deg C
Supply Voltage, Vcc
Operating
+8
+30
Volts DC
Supply Current
Into Vcc
2.5
12
mA
Output Current
Recommended
-2
+2
mA
Load Capacitance
Cable and Load
n/a
+1.0
µF
Frequency Range **
Programmable
0
500**
Hz
Saturation Voltage Low
I sink < 1.0 mA
0
.35
Volts
Saturation Voltage High
I source < 1.0 mA
4.65
Vcc
Volts
Impulse Response Time
500 Hz Freq. Range
2 typ
4
mS
* T max = 150°C is available, contact factory.
** Can be programmed for operation 2000 Hz, contact factory.
Functional Characteristics
900-12-000w/LargeSteel Target Min
Typ
Max
For Sensors with Custom Programming, these values may
change
Voltage at Infinity
0.40V
0.50V
0.60V
Voltage at 0”
4.25V
4.50V
4.75V
Conformity to Curve
-250V
-
+250V
Rev A
OTHER MATING CONNECTORS AND CABLES AVAILABLE
Absolute Max Limits
Min
Max
Unit
Supply Voltage, Vcc
-16
30
Volts
Supply Voltage, <10 min
-5
+8.5
Volts
Continuous Output Current
-10
+10
mA
Vout Short Circuit Duration
-
3
Minutes
ESD
-7
+7
kVolts
Load Dump, 40 ms
-
40
Volts
Connections Chart
Pin 1 Vcc
Pin 3 Ground
Pin 2 Analog Vout
Pin 4 Program/LEAVE OPEN
CB2-275VPA
CB2, Integral 4 Pin Male 12mm Micro Connector
Rev A
1
4
2
3
SENSOR BACKVIEW
SHOWING PINS
12MM X 1 THREADS (PART OF HOUSING)
ADDS 1MM TO HOUSINGLENGTH
Note: Check our website or contact us for details on all our ferrous metal
detection options.
Caution:A short from the Pin 4 Program wire to
either Pin 1 Vcc or Pin 3 Ground wire will cause
component failure.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com