Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MRF422MP Datasheet(PDF) 1 Page - Advanced Semiconductor

Part # MRF422MP
Description  NPN SILICON RF POWER TRANSISTOR
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASI [Advanced Semiconductor]
Direct Link  http://www.advancedsemiconductor.com
Logo ASI - Advanced Semiconductor

MRF422MP Datasheet(HTML) 1 Page - Advanced Semiconductor

  MRF422MP Datasheet HTML 1Page - Advanced Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
A D V A N C E D S E M I C O N D U C T O R, I N C.
REV. A
7525 ETHEL AVENUE
• NORTH HOLLYWOOD, CA 91605 • (818) 982-1200 • FAX (818) 765-3004
1/1
Specifications are subject to change without notice.
CHARACTERISTICS TC = 25 °C
NONE
SYMBOL
TEST CONDITIONS
MINIMUM TYPICAL MAXIMUM
UNITS
BVCEO
IC = 200 mA
35
V
BVCES
IC = 100 mA
85
V
BVCBO
IC = 100 mA
85
V
BVEBO
IE = 10 mA
3.0
V
ICES
VCE = 28 V
20
mA
hFE
VCE = 5.0 V
IC = 5.0 A
10
30
120
---
Cob
VCB = 28 V
f = 1.0 MHz
420
pF
Pout
VCE = 28 V
f = 30 MHz
150
W(PEP)
GPE
ηηηη
IMD
VCC = 28 V
ICQ = 150 mA
Pout = 150 W (PEP)
IC(max) = 6.7 A
f = 30 MHz
10
13
45
-33
dB
%
dB
NPN SILICON RF POWER TRANSISTOR
MRF422/MP
DESCRIPTION:
The
ASI MRF422 is Designed for 2.0
MHz to 30 MHz, 28 V High Power
Linear Amplifier Applications. For hFE
Matched Pairs Order ASI MRF422MP.
MAXIMUM RATINGS
I
20 A
V
40 V
PDISS
290 W @ TC = 25 °C
TJ
-65 °C to +150 °C
TSTG
-65 °C to +150 °C
θθθθ
JC
0.6 °C/W
PACKAGE STYLE .500 4L FLG
1 = COLLECTOR
3 = BASE
2 & 4 = EMITTER


Similar Part No. - MRF422MP

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MRF422 MOTOROLA-MRF422 Datasheet
97Kb / 4P
RF POWER TRANSISTORS NPN SILICON
logo
Tyco Electronics
MRF422 MACOM-MRF422 Datasheet
132Kb / 4P
The RF Line NPN Silicon RF Power Transistor
logo
M/A-COM Technology Solu...
MRF422 MA-COM-MRF422 Datasheet
236Kb / 6P
The RF Line NPN Silicon Power Transistor 150W(PEP), 30MHz, 28V
MRF422 MA-COM-MRF422 Datasheet
236Kb / 6P
The RF Line NPN Silicon Power Transistor 150W(PEP), 30MHz, 28V
logo
eleflow technologies co...
MRF422 ELEFLOW-MRF422 Datasheet
39Kb / 1P
NPN Silicon RF power transistor
More results

Similar Description - MRF422MP

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE346 NTE-NTE346 Datasheet
23Kb / 2P
Silicon NPN Transistor RF Power Transistor
logo
Tyco Electronics
MRF16030 MACOM-MRF16030 Datasheet
133Kb / 5P
RF POWER TRANSISTOR NPN SILICON
MRF429 MACOM-MRF429 Datasheet
163Kb / 5P
RF POWER TRANSISTOR NPN SILICON
logo
Advanced Semiconductor
BLV30 ASI-BLV30 Datasheet
13Kb / 1P
NPN SILICON RF POWER TRANSISTOR
MRF315A ASI-MRF315A Datasheet
14Kb / 1P
NPN SILICON RF POWER TRANSISTOR
REV. A
ASIS50-28 ASI-ASIS50-28 Datasheet
20Kb / 1P
NPN SILICON RF POWER TRANSISTOR
MRA0610-18A ASI-MRA0610-18A Datasheet
14Kb / 1P
NPN SILICON RF POWER TRANSISTOR
CM45-28 ASI-CM45-28 Datasheet
15Kb / 1P
NPN SILICON RF POWER TRANSISTOR
BM30-12 ASI-BM30-12 Datasheet
60Kb / 1P
NPN SILICON RF POWER TRANSISTOR
B25-28 ASI-B25-28 Datasheet
14Kb / 1P
NPN SILICON RF POWER TRANSISTOR
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com