Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCES296 Datasheet(PDF) 38 Page - Texas Instruments

Part # SCES296
Description  This users guide describes the characteristics, operation, and use of the TLV320AIC3204EVM-K.
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SCES296 Datasheet(HTML) 38 Page - Texas Instruments

Back Button SCES296 Datasheet HTML 34Page - Texas Instruments SCES296 Datasheet HTML 35Page - Texas Instruments SCES296 Datasheet HTML 36Page - Texas Instruments SCES296 Datasheet HTML 37Page - Texas Instruments SCES296 Datasheet HTML 38Page - Texas Instruments SCES296 Datasheet HTML 39Page - Texas Instruments SCES296 Datasheet HTML 40Page - Texas Instruments SCES296 Datasheet HTML 41Page - Texas Instruments SCES296 Datasheet HTML 42Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 53 page
background image
www.ti.com
Appendix D
Table 7. TLV320AIC3204EVM Bill of Materials (continued)
3
10uF
C38, C39, C40
CAP CERAMIC 10UF 10V X5R 0805
Panasonic
ECJ-
2FB1A106K
3
22uF
C33, C34, C35
CAP CER 22UF 6.3V X5R 20% 0805
TDK
C2012X5R0J22
Corporation
6M
5
47uF
C5, C21, C22, C36, C37
CAP CER 47UF 10V X5R 1210
Murata
GRM32ER61A4
76KE20L
2
no value
C10, C11
CAP 0603
N/A
N/A
- not
installed
3
no value
C12, C13, C14
CAP 1206
N/A
N/A
- not
installed
INTEGRATED CIRCUITS
Qty Value
Ref Des
Description
Vendor
Part number
1
U1
Audio Codec
Texas
TLV320AIC3204
Instruments
IRHB
1
U2
IC SERIAL EEPROM 64K 2.5V 8-
MicroChip
24LC64-I/SN
SOIC
1
U3
Single 2-Input Positive-AND Gate
Texas
SN74LVC1G08
Instruments
DBVR
1
U4
Dual 2-Input Positive-NAND Gate
Texas
SN74LVC2G00
Instruments
DCTR
1
U5
Single Output LDO, 1.0A, Fixed(1.8V) Texas
REG1117A-1.8
Instruments
1
U6
3-Pin 1.5-A Adjustable Voltage
Texas
LM317DCY
Regulator
Instruments
MISCELLANEOUS ITEMS
Qty Value
Ref Des
Description
Vendor
Part number
1
D1
LED THIN 635NM RED DIFF 0805
Lumex
SML-
SMD
LXT0805IW-TR
1
MK1
Omnidirectional Microphone Cartridge Knowles
MD9745APZ-F
Acoustics
or alternate
Knowles
MD9745APA-1
Acoustics
2
SW1-SW2
SWITCH SLIDE 4PDT 30V RT
E-Switch
EG4208
ANGLE
1
SW3
SWITCH SLIDE SPDT 30V.2A PC
E-Switch
EG1218
MNT
5
J2, J3, J4, J6, J8
Screw Terminal Block, 3 Position
On Shore
ED555/3DS
Technology
5
J1, J5, J7, J9, J10
3.5mm Audio Jack, T-R-S, SMD
CUI Inc.
SJ1-3515-SMT
or alternate
KobiConn
161-3335-E
11
not
TP26, TP30, TP31, TP32, TP34, TP35, TP36,
TEST POINT PC MINI .040"D RED
Keystone
5000
installed
TP37, TP38, TP39, TP40
Electronics
29
not
TP1, TP2, TP3, TP4, TP5, TP6, TP7, TP8,
TEST POINT PC MINI .040"D WHITE Keystone
5002
installed
TP9, TP10, TP11, TP12, TP13, TP14, TP15,
Electronics
TP16, TP17, TP18, TP19, TP20, TP21, TP22,
TP23, TP24, TP25, TP27, TP28, TP29, TP33
6
TP41, TP42, TP43, TP44, TP45, TP46
TEST POINT PC MULTI PURPOSE
Keystone
5011
BLK
Electronics
2
P12, P22
20 Pin SMT Plug Header
Samtec
TSM-110-01-L-
DV-P
4
J11, J12, J21, J22
20 pin SMT Socket Header
Samtec
SSW-110-22-F-
D-VS-K
1
P23
10 Pin SMT Plug Header
Samtec
TSM-105-01-L-
DV-P
35
SLAU266A – October 2008 – Revised October 2012
TLV320AIC3204EVM Bill of Materials
Submit Documentation Feedback
Copyright © 2008–2012, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com