Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCES296 Datasheet(PDF) 12 Page - Texas Instruments

Part # SCES296
Description  This users guide describes the characteristics, operation, and use of the TLV320AIC3204EVM-K.
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SCES296 Datasheet(HTML) 12 Page - Texas Instruments

Back Button SCES296 Datasheet HTML 8Page - Texas Instruments SCES296 Datasheet HTML 9Page - Texas Instruments SCES296 Datasheet HTML 10Page - Texas Instruments SCES296 Datasheet HTML 11Page - Texas Instruments SCES296 Datasheet HTML 12Page - Texas Instruments SCES296 Datasheet HTML 13Page - Texas Instruments SCES296 Datasheet HTML 14Page - Texas Instruments SCES296 Datasheet HTML 15Page - Texas Instruments SCES296 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 53 page
background image
AIC3204 Control Software
www.ti.com
4.1.1
Typical Configurations
This category can help users to quickly become familiar with the TLV320AIC3204. Each of the panels that
can be accessed through this menu have controls relevant to the selected configuration; a tab shows the
script that will be loaded for that particular configuration. Each script includes a brief description of the
selected configuration, as shown in Figure 4.
Figure 4. Playback Script Tab
4.1.1.1
Playback
The Playback panel (shown in Figure 5) has the following configurations:
•
High Performance Stereo Playback - this configuration programs the TLV320AIC3204 in PowerTune™
mode PTM_P3, for low-noise, high-performance stereo playback through both line and headphone
outputs.
•
Low Power Stereo Playback - this configuration programs the TLV320AIC3204 in PowerTune mode
PTM_P1 for low-power stereo playback through both line and headphone outputs.
•
Direct Analog Bypass - this configuration routes IN1_L/IN1_R to HPL/HPR.
•
PGA Analog Bypass - this configuration routes IN1_L/IN1_R to the analog input amplifier (Mic PGA)
which is then routed to both the line and headphone amplifiers.
The analog inputs and outputs used for these configurations can be accessed as follows:
1. IN1_L / IN1_R - Jack J1 or terminal block J2.
2. Line outputs - Jack J7 or terminal block J6.
3. Headphone outputs - Jack J9 or terminal block J8.
12
TLV320AIC3204EVM-K
SLAU266A – October 2008 – Revised October 2012
Submit Documentation Feedback
Copyright © 2008–2012, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com