Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCES296 Datasheet(PDF) 18 Page - Texas Instruments

Part # SCES296
Description  This users guide describes the characteristics, operation, and use of the TLV320AIC3204EVM-K.
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SCES296 Datasheet(HTML) 18 Page - Texas Instruments

Back Button SCES296 Datasheet HTML 14Page - Texas Instruments SCES296 Datasheet HTML 15Page - Texas Instruments SCES296 Datasheet HTML 16Page - Texas Instruments SCES296 Datasheet HTML 17Page - Texas Instruments SCES296 Datasheet HTML 18Page - Texas Instruments SCES296 Datasheet HTML 19Page - Texas Instruments SCES296 Datasheet HTML 20Page - Texas Instruments SCES296 Datasheet HTML 21Page - Texas Instruments SCES296 Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 53 page
background image
AIC3204 Control Software
www.ti.com
4.1.2.3
Dynamic Range Compression
Dynamic Range Compression (DRC) can be enabled by checking the Enable Left DRC and Enable
Right DRC boxes.
The level transfer characteristic graph is a function of the applied digital gain and the threshold parameter.
The graph line is separated into two piece-wise linear regions where the red line represents the level
range in which the DRC attenuation takes place, and the green line represents the level range in which
the signal is not affected by DRC. As an example, setting the threshold to -24 dB with a gain to 24 dB
implies that an input signal strength variation from -48 dB (threshold - gain) to 0 dB results in an output
signal strength variation from -24 dB to 0 dB, or a compression ratio of 2:1. Similarly, a threshold of -3 dB
with a gain of 24 dB implies that an input signal strength variation from -27 dB to 0 dB results in an output
signal strength variation from -3 dB to 0 dB, or a ratio of 9:1. Note that a gain less than 0 dB does not
result in expansion.
The Attack and Decay are time domain parameters that control the rate in which the applied gain reaches
the target gain after the threshold level is crossed. As an example, a fast attack rate quickly reaches the
target gain once the output signal crosses the programmed threshold region.
Other flags related to this feature can be accessed at the Status Flags panel.
Figure 11. Dynamic Range Compression Panel
18
TLV320AIC3204EVM-K
SLAU266A – October 2008 – Revised October 2012
Submit Documentation Feedback
Copyright © 2008–2012, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com