Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GLC-ZX-SM-RGD-C Datasheet(PDF) 3 Page - ATGBICS by Approved Technology

Part # GLC-ZX-SM-RGD-C
Description  GLC-ZX-SM-RGD Cisco Compatible Transceiver SFP 1000Base-ZX (1550nm, SMF, 80km, LC, DOM, Ind Temp)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATGBICS [ATGBICS by Approved Technology]
Direct Link  https://atgbics.com/
Logo ATGBICS - ATGBICS by Approved Technology

GLC-ZX-SM-RGD-C Datasheet(HTML) 3 Page - ATGBICS by Approved Technology

  GLC-ZX-SM-RGD-C Datasheet HTML 1Page - ATGBICS by Approved Technology GLC-ZX-SM-RGD-C Datasheet HTML 2Page - ATGBICS by Approved Technology GLC-ZX-SM-RGD-C Datasheet HTML 3Page - ATGBICS by Approved Technology GLC-ZX-SM-RGD-C Datasheet HTML 4Page - ATGBICS by Approved Technology GLC-ZX-SM-RGD-C Datasheet HTML 5Page - ATGBICS by Approved Technology GLC-ZX-SM-RGD-C Datasheet HTML 6Page - ATGBICS by Approved Technology GLC-ZX-SM-RGD-C Datasheet HTML 7Page - ATGBICS by Approved Technology GLC-ZX-SM-RGD-C Datasheet HTML 8Page - ATGBICS by Approved Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
ATGBICS® All rights reserved. EOE
Ref: ATGBICS_GLC-ZX-SM-RGD_V1
Page 3 of 8
Product Datasheet
Parameter
Symbol
Min.
Typical
Max.
Unit
Notes
Transmitter Section:
Center Wavelength
λc
1530
1550
1570
nm
Spectral Width
σ
1
nm
Side Mode Suppression Ratio
SMSR
30
dB
Optical Output Power
Pout
-2
+3
dBm
1
Extinction Ratio
ER
9
dB
Optical Rise/Fall Time
tr / tf
260
ps
2
Relative Intensity Noise
RIN
-120
dB/Hz
Output Eye Mask
Compliant with IEEE802.3 z (class 1 laser safety)
Receiver Section:
Optical Input Wavelength
λc
1270
1610
nm
Receiver Overload
Pol
-3
dBm
4
RX Sensitivity
Sen
-24
dBm
4
RX_LOS Assert
LOS A
-40
dBm
RX_LOS De-assert
LOS D
-25
dBm
RX_LOS Hysteresis
LOS H
0.5
dB
General Specifications:
Data Rate
BR
1.25
Gb/s
Bit Error Rate
BER
10-12
Max. Supported Link Length
on 9/125μm SMF@1.25Gb/s
LMAX
80
km
Total System Budget
LB
22
dB
Notes:
1. The optical power is launched into SMF.
2. 20-80%.
3. Jitter measurements taken using Agilent OMNIBERT 718 in accordance with GR-253.
4. Measured with PRBS 27-1 at 10-12 BER



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com