Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GLC-ZX-SM-RGD-C Datasheet(PDF) 1 Page - ATGBICS by Approved Technology

Part # GLC-ZX-SM-RGD-C
Description  GLC-ZX-SM-RGD Cisco Compatible Transceiver SFP 1000Base-ZX (1550nm, SMF, 80km, LC, DOM, Ind Temp)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATGBICS [ATGBICS by Approved Technology]
Direct Link  https://atgbics.com/
Logo ATGBICS - ATGBICS by Approved Technology

GLC-ZX-SM-RGD-C Datasheet(HTML) 1 Page - ATGBICS by Approved Technology

  GLC-ZX-SM-RGD-C Datasheet HTML 1Page - ATGBICS by Approved Technology GLC-ZX-SM-RGD-C Datasheet HTML 2Page - ATGBICS by Approved Technology GLC-ZX-SM-RGD-C Datasheet HTML 3Page - ATGBICS by Approved Technology GLC-ZX-SM-RGD-C Datasheet HTML 4Page - ATGBICS by Approved Technology GLC-ZX-SM-RGD-C Datasheet HTML 5Page - ATGBICS by Approved Technology GLC-ZX-SM-RGD-C Datasheet HTML 6Page - ATGBICS by Approved Technology GLC-ZX-SM-RGD-C Datasheet HTML 7Page - ATGBICS by Approved Technology GLC-ZX-SM-RGD-C Datasheet HTML 8Page - ATGBICS by Approved Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
ATGBICS® All rights reserved. EOE
Ref: ATGBICS_GLC-ZX-SM-RGD_V1
Page 1 of 8
Product Datasheet
GLC-ZX-SM-RGD-C
Cisco® Compatible 1.25Gb/s 80km SFP Transceiver
Hot Pluggable, Duplex LC, +3.3V, 1550nm, DFB-LD, SMF 80KM DDM -40~85C
FEATURES
• Up to 1.25Gb/s Data Links
• Hot-Pluggable
• Duplex LC connector
• Up to 80km on 9/125μm SMF
• 1550nm DFB laser transmitter
• Single +3.3V Power Supply
• Low power dissipation <1W typically
• Industrial operating temperature range -40°C to 85°C
• RoHS compliant and Lead Free
APPLICATIONS
• Metro/Access Networks
• 1.25 Gb/s 1000Base-ZX Ethernet
• 1×Fibre Channel
• Other Optical Links
DESCRIPTION
ATGBICS® Compatible GLC-ZX-SM-RGD-C is a high performance, cost effective module which have a
duplex LC optics interface. Standard AC coupled CML for high speed signal and LVTTL control and monitor
signals. The receiver section uses a PIN receiver and the transmitter uses a 1550 nm DFB laser, up to 22dB
link budge ensure this module 1000Base Ethernet 80km application.
Absolute Maximum Ratings
Parameter
Symbol
Min.
Typical
Max.
Unit
Storage Temperature
TS
-40
+85
°C
Supply Voltage
VCC
-0.5
4
V
Relative Humidity
RH
0
85
%


Similar Part No. - GLC-ZX-SM-RGD-C

ManufacturerPart #DatasheetDescription
logo
ATGBICS by Approved Tec...
GLC-ZX-SMD-C ATGBICS-GLC-ZX-SMD-C Datasheet
287Kb / 8P
GLC-ZX-SMD Cisco Compatible Transceiver SFP 1000Base-ZX (1550nm, SMF, 80km, LC, DOM)
GLC-ZX-SMD-RGD-C ATGBICS-GLC-ZX-SMD-RGD-C Datasheet
286Kb / 8P
GLC-ZX-SMD-RGD Cisco Compatible Transceiver SFP 1000Base-ZX (1550nm, SMF, 80km, LC, DOM, Ind Temp)
More results

Similar Description - GLC-ZX-SM-RGD-C

ManufacturerPart #DatasheetDescription
logo
ATGBICS by Approved Tec...
10053H-C ATGBICS-10053H-C Datasheet
285Kb / 8P
10053H Extreme Compatible Transceiver SFP 1000Base-ZX (1550nm, SMF, 80km, LC, DOM, Ind Temp)
1FG54-C ATGBICS-1FG54-C Datasheet
286Kb / 8P
1FG54 RuggedCom Compatible Transceiver SFP 1000Base-ZX (1550nm, SMF, 80km, LC, DOM, Ind Temp)
DELL-1000-ZX-C ATGBICS-DELL-1000-ZX-C Datasheet
286Kb / 8P
DELL1000-ZX Dell Compatible Transceiver SFP 1000Base-ZX (1550nm, SMF, 80km, LC, DOM)
ET4201-ZX-C ATGBICS-ET4201-ZX-C Datasheet
286Kb / 8P
ET4201-ZX Edgecore Compatible Transceiver SFP 1000Base-ZX (1550nm, SMF, 80km, LC, DOM)
FR-TRAN-ZX-C ATGBICS-FR-TRAN-ZX-C Datasheet
286Kb / 8P
FR-TRAN-ZX Fortinet Compatible Transceiver SFP 1000Base-ZX (1550nm, SMF, 80km, LC, DOM)
FTLF1518P1BTL-C ATGBICS-FTLF1518P1BTL-C Datasheet
286Kb / 8P
FTLF1518P1BTL Finisar Compatible Transceiver SFP 1000Base-ZX (1550nm, SMF, 80km, LC, DOM, Ind Temp)
GLC-ZX-SMD-C ATGBICS-GLC-ZX-SMD-C Datasheet
287Kb / 8P
GLC-ZX-SMD Cisco Compatible Transceiver SFP 1000Base-ZX (1550nm, SMF, 80km, LC, DOM)
GLC-ZX-SMD-RGD-C ATGBICS-GLC-ZX-SMD-RGD-C Datasheet
286Kb / 8P
GLC-ZX-SMD-RGD Cisco Compatible Transceiver SFP 1000Base-ZX (1550nm, SMF, 80km, LC, DOM, Ind Temp)
MGBZX1-C ATGBICS-MGBZX1-C Datasheet
285Kb / 8P
MGBZX1 Cisco SMB Compatible Transceiver SFP 1000Base-ZX (1550nm, SMF, 80km, LC, DOM)
ONS-SI-GE-ZX-C ATGBICS-ONS-SI-GE-ZX-C Datasheet
286Kb / 8P
ONS-SI-GE-ZX Cisco Compatible Transceiver SFP 1000Base-ZX (1550nm, SMF, 80km, LC, DOM)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com