Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GLC-ZX-SM-RGD-C Datasheet(PDF) 4 Page - ATGBICS by Approved Technology

Part # GLC-ZX-SM-RGD-C
Description  GLC-ZX-SM-RGD Cisco Compatible Transceiver SFP 1000Base-ZX (1550nm, SMF, 80km, LC, DOM, Ind Temp)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATGBICS [ATGBICS by Approved Technology]
Direct Link  https://atgbics.com/
Logo ATGBICS - ATGBICS by Approved Technology

GLC-ZX-SM-RGD-C Datasheet(HTML) 4 Page - ATGBICS by Approved Technology

  GLC-ZX-SM-RGD-C Datasheet HTML 1Page - ATGBICS by Approved Technology GLC-ZX-SM-RGD-C Datasheet HTML 2Page - ATGBICS by Approved Technology GLC-ZX-SM-RGD-C Datasheet HTML 3Page - ATGBICS by Approved Technology GLC-ZX-SM-RGD-C Datasheet HTML 4Page - ATGBICS by Approved Technology GLC-ZX-SM-RGD-C Datasheet HTML 5Page - ATGBICS by Approved Technology GLC-ZX-SM-RGD-C Datasheet HTML 6Page - ATGBICS by Approved Technology GLC-ZX-SM-RGD-C Datasheet HTML 7Page - ATGBICS by Approved Technology GLC-ZX-SM-RGD-C Datasheet HTML 8Page - ATGBICS by Approved Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
ATGBICS® All rights reserved. EOE
Ref: ATGBICS_GLC-ZX-SM-RGD_V1
Page 4 of 8
Product Datasheet
Pin Assignment
Diagram of Host Board Connector Block Pin Numbers and Name
Diagram of Host Board Connector Block Pin Numbers and Names



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com