Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFP-GE-RJ45-C Datasheet(PDF) 3 Page - ATGBICS by Approved Technology

Part # SFP-GE-RJ45-C
Description  SFP-GE-RJ45 ZTE Compatible Transceiver SFP 10/100/1000Base-T (RJ45, Copper, 100m)
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATGBICS [ATGBICS by Approved Technology]
Direct Link  https://atgbics.com/
Logo ATGBICS - ATGBICS by Approved Technology

SFP-GE-RJ45-C Datasheet(HTML) 3 Page - ATGBICS by Approved Technology

  SFP-GE-RJ45-C Datasheet HTML 1Page - ATGBICS by Approved Technology SFP-GE-RJ45-C Datasheet HTML 2Page - ATGBICS by Approved Technology SFP-GE-RJ45-C Datasheet HTML 3Page - ATGBICS by Approved Technology SFP-GE-RJ45-C Datasheet HTML 4Page - ATGBICS by Approved Technology SFP-GE-RJ45-C Datasheet HTML 5Page - ATGBICS by Approved Technology SFP-GE-RJ45-C Datasheet HTML 6Page - ATGBICS by Approved Technology SFP-GE-RJ45-C Datasheet HTML 7Page - ATGBICS by Approved Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
ATGBICS® All rights reserved. EOE
Ref: ATGBICS_SFP-GE-RJ45-C_V1
Page 3 of 7
Product Datasheet
5. RD-/+: These are the differential receiver outputs. They are ac coupled 100-ohm differential lines which
should be terminated with 100-ohm differential at the user SerDes. The ac coupling is done inside the
module and is thus not required on the host board. The voltage swing on these lines will be between 370
and 2000 mV differential (185 – 1000 mV single ended) when properly terminated. These levels are
compatible with CML and LVPECL voltage swings.
6. VCCR and VCCT are the receiver and transmitter power supplies. They are defined as 3.3 V ± 5% at the
SFP connector pin. The maximum supply current is about 300mA, and the associated in-rush current will
typically be no more than 30 mA above steady state after 500 nanoseconds.
7. TD-/+: These are the differential transmitter inputs. They are ac coupled differential lines with 100 W
differential termination inside the module. The ac coupling is done inside the module and is thus not
required on the host board. The inputs will accept differential swings of 500 – 2400 mV (250 –1200 mV
single ended), though it is recommended that values between 500 and 1200 mV differential (250 – 600 mV
single ended) be used for best EMI performance. These levels are compatible with CML and LVPECL
voltage swings.
Figure 1. Diagram of host board connector block pin numbers and names



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com