Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFP-GE-RJ45-C Datasheet(PDF) 4 Page - ATGBICS by Approved Technology

Part # SFP-GE-RJ45-C
Description  SFP-GE-RJ45 ZTE Compatible Transceiver SFP 10/100/1000Base-T (RJ45, Copper, 100m)
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATGBICS [ATGBICS by Approved Technology]
Direct Link  https://atgbics.com/
Logo ATGBICS - ATGBICS by Approved Technology

SFP-GE-RJ45-C Datasheet(HTML) 4 Page - ATGBICS by Approved Technology

  SFP-GE-RJ45-C Datasheet HTML 1Page - ATGBICS by Approved Technology SFP-GE-RJ45-C Datasheet HTML 2Page - ATGBICS by Approved Technology SFP-GE-RJ45-C Datasheet HTML 3Page - ATGBICS by Approved Technology SFP-GE-RJ45-C Datasheet HTML 4Page - ATGBICS by Approved Technology SFP-GE-RJ45-C Datasheet HTML 5Page - ATGBICS by Approved Technology SFP-GE-RJ45-C Datasheet HTML 6Page - ATGBICS by Approved Technology SFP-GE-RJ45-C Datasheet HTML 7Page - ATGBICS by Approved Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
ATGBICS® All rights reserved. EOE
Ref: ATGBICS_SFP-GE-RJ45-C_V1
Page 4 of 7
Product Datasheet
+3.3V Volt Electrical Power Interface
The SFP-GE-RJ45-C has an input voltage range of 3.3 V +/- 5%. The 4 V maximum voltage is not allowed
for continuous operation.
Parameter
Symbol
Min.
Typical
Max.
Units
Notes/Conditions
Supply
Current
Is
320
375
mA
1.2W max power over full range of
voltage and temperature. See
caution note below
Input
Voltage
Vcc
3.13
3.3
3.47
V
Referenced to GND
Surge
Current
Isurge
30
mA
Hot plug above steady state
current. See caution note
Caution: Power consumption and surge current are higher than the specified values in the SFP MSA
Table 2. +3.3 Volt electrical power interface
Low-Speed Signals
MOD_DEF(1) (SCL) and MOD_DEF(2) (SDA), are open drain CMOS signals. Both MOD_ DEF(1) and
MOD_DEF(2) must be pulled up to host_Vcc.
Parameter
Symbol
Min.
Max.
Units
Notes/Conditions
SFP Output
LOW
VOL
0
0.5
V
4.7k to 10k pull-up to
host_Vcc.
SFP Output
HIGH
VOH
host_Vcc -
0.5
host_Vcc +
0.3
V
4.7k to 10k pull-up to
host_Vcc.
SFP Input LOW
VIL
0
0.8
V
4.7k to 10k pull-up to Vcc.
SFP Input
HIGH
2
Vcc + 0.3 V
V
4.7k to 10k pull-up to Vcc.
High-Speed Electrical Interface
Transmission Line-SFP
Parameter
Symbol
Min.
Typical
Max.
Units
Notes/Conditions
Line Frequency
fL
125
MHz
5-level encoding, per IEEE
802.3
Tx Output
Impedance
Zout,TX
100
Ohm
Differential
Rx Input
Impedance
Zin,RX
100
Ohm
Differential
Table 4. High-speed electrical interface, transmission line-SFP



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com