Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFP-GE-RJ45-C Datasheet(PDF) 2 Page - ATGBICS by Approved Technology

Part # SFP-GE-RJ45-C
Description  SFP-GE-RJ45 ZTE Compatible Transceiver SFP 10/100/1000Base-T (RJ45, Copper, 100m)
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATGBICS [ATGBICS by Approved Technology]
Direct Link  https://atgbics.com/
Logo ATGBICS - ATGBICS by Approved Technology

SFP-GE-RJ45-C Datasheet(HTML) 2 Page - ATGBICS by Approved Technology

  SFP-GE-RJ45-C Datasheet HTML 1Page - ATGBICS by Approved Technology SFP-GE-RJ45-C Datasheet HTML 2Page - ATGBICS by Approved Technology SFP-GE-RJ45-C Datasheet HTML 3Page - ATGBICS by Approved Technology SFP-GE-RJ45-C Datasheet HTML 4Page - ATGBICS by Approved Technology SFP-GE-RJ45-C Datasheet HTML 5Page - ATGBICS by Approved Technology SFP-GE-RJ45-C Datasheet HTML 6Page - ATGBICS by Approved Technology SFP-GE-RJ45-C Datasheet HTML 7Page - ATGBICS by Approved Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
ATGBICS® All rights reserved. EOE
Ref: ATGBICS_SFP-GE-RJ45-C_V1
Page 2 of 7
Product Datasheet
SFP to Host Connector Pin Out
Pin
Signal name
Description
MSA Notes
1
VEET
Transmitter ground (common with receiver ground)
2
TFAULT
Transmitter Fault. Not supported
Note 1
3
TDIS
Transmitter Disable. PHY disabled on high or open
Note 2
4
MOD_DEF(2)
Module Definition 2. Data line for Serial ID.
Note 3
5
MOD_DEF(1)
Module Definition 1. Clock line for Serial ID.
Note 3
6
MOD_DEF(0)
Module Definition 0. Grounded within the module.
Note 3
7
Rate Select
No connection required
8
LOS
Loss of Signal - High Indicates Loss of Signal
Note 4
9
VEER
Receiver Ground (common with transmitter ground)
10
VEER
Receiver Ground (common with transmitter ground)
11
VEER
Receiver Ground(common with transmitter ground)
12
RD-
Receiver Inverted DATA out. AC Coupled
Note 5
13
RD+
Receiver Non-inverted DATA out. AC Coupled
Note 5
14
VEER
Receiver Ground (common with transmitter ground)
15
VCCR
Receiver Power Supply
Note 6
16
VCCT
Transmitter Power Supply
Note 6
17
VEET
Transmitter Ground (Common with Receiver Ground)
18
TD+
Transmitter Non-Inverted DATA in. AC Coupled.
Note 7
19
TD-
Transmitter Inverted DATA in. AC Coupled.
Note 7
20
VEET
Transmitter Ground (common with receiver ground)
Table 1. SFP to host connector pin assignments and descriptions
Notes:
1. TX Fault is not used and is always tied to ground through a 100-ohm resistor.
2. TX Disable as described in the MSA is not applicable to the 1000BASE-T module, but is used for
convenience as an input to reset the internal ASIC. This pin is pulled up within the module with a 4.7 KW
resistor.
• Low (0 – 0.8 V): Transceiver on
• Between (0.8 V and 2.0 V): Undefined
• High (2.0 – 3.465 V): Transceiver in reset state
• Open: Transceiver in reset state
3. Mod-Def 0,1,2. These are the module definition pins. They should be pulled up with a 4.7-10 KW resistor
on the host board to a supply less than VCCT + 0.3 V or VCCR + 0.3 V.
• Mod Def 0 is tied to ground through a 100-ohm resistor to indicate that the module is present.
• Mod-Def 1 is clock line of two wire serial interface for optional serial ID
• Mod-Def 2 is data line of two wire serial interface for optional serial ID
4. LVTTL compatible with a maximum voltage of 2.5V. Not supported on HTSFP-24-111X



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com