Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5045TR Datasheet(PDF) 11 Page - ams AG

Part # AS5045TR
Description  12 BIT PROGRAMMABLE MAGNETIC ROTARY ENCODER
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5045TR Datasheet(HTML) 11 Page - ams AG

Back Button AS5045TR Datasheet HTML 7Page - ams AG AS5045TR Datasheet HTML 8Page - ams AG AS5045TR Datasheet HTML 9Page - ams AG AS5045TR Datasheet HTML 10Page - ams AG AS5045TR Datasheet HTML 11Page - ams AG AS5045TR Datasheet HTML 12Page - ams AG AS5045TR Datasheet HTML 13Page - ams AG AS5045TR Datasheet HTML 14Page - ams AG AS5045TR Datasheet HTML 15Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
AS5045 12-BIT PROGRAMMABLE MAGNETIC ROTARY ENCODER
Revision 1.5
www.austriamicrosystems.com
Page 11 of 24
Note: Pin 1 (MagINCn) and pin 2 (MagDECn) are active low via open drain output and require an external pull-up resistor. If
the magnetic field is in range, both outputs are turned off.
The two pins may also be combined with a single pull-up resistor. In this case, the signal is high when the magnetic field is
in range. It is low in all other cases (see Table 4 and Table 5).
5.2
Daisy Chain Mode
The Daisy Chain mode allows connection of several AS5045’s in series, while still keeping just one digital input for data
transfer (see “Data IN” in Figure 6 below). This mode is accomplished by connecting the data output (DO; pin 9) to the data
input (PROG; pin 8) of the subsequent device. An RC filter must be implemented between each PROG pin of device n and
DO pin of device n+1, to prevent then encoders to enter the alignment mode, in case of ESD discharge, long cables, not
conform signal levels or shape. Using the values R=100R and C=1nF allow a max. CLK frequency of 1MHz on the whole
chain. The serial data of all connected devices is read from the DO pin of the first device in the chain. The length of the
serial bit stream increases with every connected device, it is
n * (18+1) bits:
e.g. 38 bit for two devices, 57 bit for three devices, etc…
The last data bit of the first device (Parity) is followed by a dummy bit and the first data bit of the second device (D11), etc…
(see Figure 7)
Figure 6: Daisy Chain hardware configuration
D11
1
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
OCF
COF
LIN
Mag
INC
Mag
DEC
D11
D
18
8
Status Bits
Angular Position Data
t
DO valid
t
DO active
T
CLK/2
t
CLK FE
CSn
DO
CLK
123
Even
PAR
D9
D10
1st Device
2nd Device
Angular Position Data
Figure 7: Daisy Chain mode data transfer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com