Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5045TR Datasheet(PDF) 1 Page - ams AG

Part # AS5045TR
Description  12 BIT PROGRAMMABLE MAGNETIC ROTARY ENCODER
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5045TR Datasheet(HTML) 1 Page - ams AG

  AS5045TR Datasheet HTML 1Page - ams AG AS5045TR Datasheet HTML 2Page - ams AG AS5045TR Datasheet HTML 3Page - ams AG AS5045TR Datasheet HTML 4Page - ams AG AS5045TR Datasheet HTML 5Page - ams AG AS5045TR Datasheet HTML 6Page - ams AG AS5045TR Datasheet HTML 7Page - ams AG AS5045TR Datasheet HTML 8Page - ams AG AS5045TR Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
Revision 1.5
www.austriamicrosystems.com
Page 1 of 24
1
General Description
The AS5045 is a contactless magnetic rotary encoder for
accurate angular measurement over a full turn of 360°.
It is a system-on-chip, combining integrated Hall
elements, analog front end and digital signal processing
in a single device.
To measure the angle, only a simple two-pole magnet,
rotating over the center of the chip, is required. The
magnet may be placed above or below the IC.
The absolute angle measurement provides instant
indication of the magnet’s angular position with a
resolution of 0.0879° = 4096 positions per revolution.
This digital data is available as a serial bit stream and as
a PWM signal.
An internal voltage regulator allows the AS5045 to
operate at either 3.3 V or 5 V supplies
Figure 1: Typical arrangement of AS5045 and magnet
1.1
Benefits
-
Complete system-on-chip
-
Flexible system solution provides absolute and PWM
outputs simultaneously
-
Ideal for applications in harsh environments due to
contactless position sensing
-
No calibration required
1.2
Key Features
-
Contactless high resolution rotational position
encoding over a full turn of 360 degrees
-
Two digital 12bit absolute outputs:
- Serial interface and
- Pulse width modulated (PWM) output
-
User programmable zero position
-
Failure detection mode for magnet placement
monitoring and loss of power supply
-
“red-yellow-green” indicators display placement of
magnet in Z-axis
-
Serial read-out of multiple interconnected AS5045
devices using Daisy Chain mode
-
Tolerant to magnet misalignment and airgap
variations
-
Wide temperature range: - 40°C to + 125°C
-
Small Pb-free package: SSOP 16 (5.3mm x 6.2mm)
1.3
Applications
-
Industrial applications:
- Contactless rotary position sensing
- Robotics
-
Automotive applications:
- Steering wheel position sensing
- Transmission gearbox encoder
- Headlight position control
- Torque sensing
- Valve position sensing
-
Replacement of high end potentiometers
DATA SHEET
AS5045
12 BIT PROGRAMMABLE MAGNETIC ROTARY ENCODER


Similar Part No. - AS5045TR

ManufacturerPart #DatasheetDescription
logo
ams AG
AS5045 AMSCO-AS5045 Datasheet
1Mb / 34P
12 Bit Programmable Magnetic Rotary Encoder
AS5045 AMSCO-AS5045 Datasheet
633Kb / 47P
12-Bit Programmable Magnetic Rotary Position Sensor
2017-Jul-13
AS5045-ASSM AMSCO-AS5045-ASSM Datasheet
633Kb / 47P
12-Bit Programmable Magnetic Rotary Position Sensor
2017-Jul-13
AS5045-ASST AMSCO-AS5045-ASST Datasheet
633Kb / 47P
12-Bit Programmable Magnetic Rotary Position Sensor
2017-Jul-13
AS5045ASST AMSCO-AS5045ASST Datasheet
589Kb / 33P
12 Bit Programmable Magnetic Rotary Encoder
More results

Similar Description - AS5045TR

ManufacturerPart #DatasheetDescription
logo
ams AG
AS5040 AMSCO-AS5040 Datasheet
653Kb / 28P
10 BIT 360째 PROGRAMMABLE MAGNETIC ROTARY ENCODER
AS5030 AMSCO-AS5030_1 Datasheet
695Kb / 33P
8 BIT PROGRAMMABLE HIGH SPEED MAGNETIC ROTARY ENCODER
AS5145 AMSCO-AS5145 Datasheet
1Mb / 36P
12-Bit Programmable Magnetic Rotary Encoder
AS5045_V1 AMSCO-AS5045_V1 Datasheet
589Kb / 33P
12 Bit Programmable Magnetic Rotary Encoder
logo
List of Unclassifed Man...
AS5145H ETC2-AS5145H Datasheet
425Kb / 36P
12-Bit Programmable Magnetic Rotary Encoder
logo
ams AG
AS5030 AMSCO-AS5030_07 Datasheet
891Kb / 44P
8-Bit Programmable High Speed Magnetic Rotary Encoder
AS5045 AMSCO-AS5045_10 Datasheet
1Mb / 34P
12 Bit Programmable Magnetic Rotary Encoder
AS5055 AMSCO-AS5055 Datasheet
1,023Kb / 26P
Low Power 12-Bit Magnetic Rotary Encoder
AS5145H AMSCO-AS5145H Datasheet
425Kb / 36P
12-Bit Programmable Magnetic Rotary Encoder
AS5045 AMSCO-AS5045_V01 Datasheet
633Kb / 47P
12-Bit Programmable Magnetic Rotary Position Sensor
2017-Jul-13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com