Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5045TR Datasheet(PDF) 15 Page - ams AG

Part # AS5045TR
Description  12 BIT PROGRAMMABLE MAGNETIC ROTARY ENCODER
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5045TR Datasheet(HTML) 15 Page - ams AG

Back Button AS5045TR Datasheet HTML 11Page - ams AG AS5045TR Datasheet HTML 12Page - ams AG AS5045TR Datasheet HTML 13Page - ams AG AS5045TR Datasheet HTML 14Page - ams AG AS5045TR Datasheet HTML 15Page - ams AG AS5045TR Datasheet HTML 16Page - ams AG AS5045TR Datasheet HTML 17Page - ams AG AS5045TR Datasheet HTML 18Page - ams AG AS5045TR Datasheet HTML 19Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 24 page
background image
AS5045 12-BIT PROGRAMMABLE MAGNETIC ROTARY ENCODER
Revision 1.5
www.austriamicrosystems.com
Page 15 of 24
CCW
Z11
Z10
Z9
Z8
Z7
Z6
Z5
Z4
Z3
Z2
Z1
Z0
PW M
dis
Mag
Com p
EN
PW M
half
EN
P W M and status
bit m odes
Zero P osition
tDatain valid
tProg enable
CS n
Prog
1
16
8
CLK PROG
tDatain
tclk
see text
Figure 10: Programming access – write data (section of Figure 11)
Data
CSn
Prog
CLKPROG
7.5V
VDD
tLoad PROG
tPROG finished
Write Data
Power Off
Programming Mode
tPROG
tPrgH
VProgOff
tPrgR
0V
116
Figure 11: Complete programming sequence
AS5045 Demoboard
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
1 MagINCn
MagDECn
NC
NC
NC
Mode
VSS
Prog_DI
DO
CLK
CSn
PWM
NC
NC
VDD3V3
VDD5V
AS5045
IC1
+
7
2
3
4
5
6
1
10n
1µF
µC
Cap only required for
OTP programming
GND
PROG
CSN
DO
CLK
5VUSB
VDD3V3
VSS
+
10µF
2
3
1
GND
VSS
VPROG
7.5 … 8.0V
only required for
OTP programming
connect to USB
interface on PC
For programming,
keep these 6 wires
as short as possible!
max. length = 2 inches (5cm)
22k
*see Text
3V3
Figure 12: OTP programming connection of AS5045 (shown with AS5045 demoboard)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com