Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

0ACF Datasheet(PDF) 2 Page - Bel Fuse Inc.

Part # 0ACF
Description  High Voltage SMD Fuse
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

0ACF Datasheet(HTML) 2 Page - Bel Fuse Inc.

  0ACF Datasheet HTML 1Page - Bel Fuse Inc. 0ACF Datasheet HTML 2Page - Bel Fuse Inc. 0ACF Datasheet HTML 3Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Type 0ACF
2 / 3
Bel Fuse Inc.
206 Van Vorst Street
Jersey City, NJ 07302 USA
+1 201.432.0463
Bel.US.CS@belf.com
belfuse.com/circuit-protection
© 2021 Bel Fuse, Inc.
Rev. 0ACF Jul2021
Temperature Re-Rating Curve
Average Time Current Curve
Normal Operating Temperature: 25℃
Operating Temperature: -40℃ to 105℃ with proper correction
factor applied.
Soldering Characteristics
Reflow Soldering Condition:
Manual Soldering :
• Temperature: 350°C
• Time: 5 Seconds Maximum
Profile Feature
Lead(Pb) free solder
Preheat and soak
Temperature min.(Tsmin)
150
℃
Temperature max. (Tsmax)
200
℃
Time (Tsmin to Tsmax) (tS)
60 - 120 Seconds
Average ramp up rate Tsmax to Tp
3
℃ / Second Max.
Liquidous temperature (TL)
Time at liquidous (tL)
217
℃
60 - 90 Seconds
Peak package body temperature (TP)
260+0/-5
℃
Time (tP) within 5
℃ of the specified
classification temperature (TC)
20-40 Seconds
Average ramp-down rate (TP to Tsmax)
6
℃ / Second Max.
Time (25
℃ to Peak Temperature)
8 Minutes Max.
Specifications subject to change without notice
0.4
0.5
0.6
0.7
0.8
0.9
1
1.1
1.2
1.3
-50 -40 -30 -20 -10 0 10 20 30 40 50 60 70 80 90 100 110
Ambient Temperature °C
0.001
0.01
0.1
1
10
100
1000
0.1
1
10
100
Current (Amperes)
Time Current Curve



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com