Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

0ACF Datasheet(PDF) 1 Page - Bel Fuse Inc.

Part # 0ACF
Description  High Voltage SMD Fuse
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

0ACF Datasheet(HTML) 1 Page - Bel Fuse Inc.

  0ACF Datasheet HTML 1Page - Bel Fuse Inc. 0ACF Datasheet HTML 2Page - Bel Fuse Inc. 0ACF Datasheet HTML 3Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Type 0ACF
High Voltage SMD Fuse
belfuse.com/circuit-protection
0ACF Series
RoHS Compliant
Description
5x5x32mm physical size
Features
-1000VDC High voltage, High Breaking Capacity
- RoHS compliant with exemption 7(a)
Fully compliance with EU Directive 2011/65/EU and amending directive 2015/863
- AEC-Q Compliant
- Meets Bel automotive qualification*
* - Largely based on internal AEC-Q test plan
Physical Specifications
Electrical Characteristics
Ratings
Electrical Specifications
Part Number
Ampere
Rating
Voltage and Interrupting
Ratings
Typical Cold. Resistance
(mohms)**
Typical Voltage Drop
(mV)
Typical Pre-Arcing I²t
(A²S)***
0ACF-0800-XX
800mA
See Table of Ratings on
Page 1 for Voltage and
associated Interrupting
Ratings
560
500
0.65
0ACF-1000-XX
1A
435
480
1.30
0ACF-3000-XX
3A
90
390
4.0
Consult manufacturer for other ratings
** : DC Cold Resistance are measured at <10% of rated current in ambient temperature of 25 ℃
***: Typical Pre-arcing I²t are measured at 10In Current, DC battery bank.
Materials
Body : Ceramic
Cap : Silver plated copper
Marking
On Fuse :
"bel","0ACF-XXXX
”(XXXX= Ampere Rating), "Voltage Rating", "Interrupting
Rating"
On Label :
"bel", "0ACF
”, "Current Rating", "Voltage Rating", "Interrupting Rating",
and "
", "
"(China RoHS compliant).
% of Ampere
Rating (A)
Operating Time
Min
Max
100%
4hours
-
250%
-
120sec
Ampere Rating / Voltage Rating
Ampere Range / Volt
@ I.R. ability**
800mA-3A / 1000V DC
800mA-3A / 1000V @ 10kA DC
**I.R.=DC Interrupting Rating (measured at designated voltage, time
constant of less than 50 microseconds)
Specifications subject to change without notice
AEC-Q Compliant


Similar Part No. - 0ACF

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
0ACF-0800-XX BEL-0ACF-0800-XX Datasheet
467Kb / 3P
High Voltage SMD Fuse
Aug2024
0ACF-1000-XX BEL-0ACF-1000-XX Datasheet
467Kb / 3P
High Voltage SMD Fuse
Aug2024
0ACF-2000-XX BEL-0ACF-2000-XX Datasheet
467Kb / 3P
High Voltage SMD Fuse
Aug2024
0ACF-2500-XX BEL-0ACF-2500-XX Datasheet
467Kb / 3P
High Voltage SMD Fuse
Aug2024
0ACF-3000-XX BEL-0ACF-3000-XX Datasheet
467Kb / 3P
High Voltage SMD Fuse
Aug2024
More results

Similar Description - 0ACF

ManufacturerPart #DatasheetDescription
logo
Littelfuse
508 LITTELFUSE-508_10 Datasheet
456Kb / 2P
3AB 1000VAC / DC High Voltage Fuse
881 LITTELFUSE-881 Datasheet
531Kb / 3P
881 Series High-Current SMD Fuse
881F LITTELFUSE-881F Datasheet
552Kb / 3P
High-Current Fast Opening SMD Fuse
logo
Shanghai Leiditech Elec...
LM12B0500B LEIDITECH-LM12B0500B Datasheet
842Kb / 5P
SMD FUSE
LM12D1200D LEIDITECH-LM12D1200D Datasheet
882Kb / 5P
SMD FUSE
LM12H0500C LEIDITECH-LM12H0500C Datasheet
710Kb / 5P
SMD FUSE
LM12H1200D LEIDITECH-LM12H1200D Datasheet
387Kb / 5P
SMD FUSE
logo
Schurter Inc.
RTS SCHURTER-RTS Datasheet
678Kb / 4P
SMD thermal fuse for high currents
04.01.2022
logo
AiT Semiconductor Inc.
F1210L AITSEMI-F1210L Datasheet
429Kb / 5P
SMD PPTC RESETTABLE FUSE
REV1.0
logo
ABB
NHPL052760R1 ABB-NHPL052760R1 Datasheet
53Kb / 1P
Fuse link type CMF High voltage – fuse links
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com