Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

0ACF Datasheet(PDF) 3 Page - Bel Fuse Inc.

Part # 0ACF
Description  High Voltage SMD Fuse
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

0ACF Datasheet(HTML) 3 Page - Bel Fuse Inc.

  0ACF Datasheet HTML 1Page - Bel Fuse Inc. 0ACF Datasheet HTML 2Page - Bel Fuse Inc. 0ACF Datasheet HTML 3Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Type 0ACF
3 / 3
Bel Fuse Inc.
206 Van Vorst Street
Jersey City, NJ 07302 USA
+1 201.432.0463
Bel.US.CS@belf.com
belfuse.com/circuit-protection
© 2021 Bel Fuse, Inc.
Rev. 0ACF Jul2021
Fuse FGNO Explanation
0ACF - [XXXX] -XX
0ACF=0ACF; [XXXX]=Ampere Rating; XX=See Ordering Information as below
Fraction
Decimal
Milliamps
Bel FGNO[XXXX]
Decimal
Amps
Bel FGNO[XXXX]
8/10
0.800
800
0800
1.0
1
1000
3.0
3
3000
Mechanical Dimensions
Ordering Information
Packaging
Packaging Option
Quantity
Packaging Code
Tape (width 44mm) and reel (dia. 13inch)
1000
TE



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com