Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MFHA Datasheet(PDF) 2 Page - Eaton All Rights Reserved.

Part # MFHA
Description  SMD current sensing resistor-metal film
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

MFHA Datasheet(HTML) 2 Page - Eaton All Rights Reserved.

  MFHA Datasheet HTML 1Page - Eaton All Rights Reserved. MFHA Datasheet HTML 2Page - Eaton All Rights Reserved. MFHA Datasheet HTML 3Page - Eaton All Rights Reserved. MFHA Datasheet HTML 4Page - Eaton All Rights Reserved. MFHA Datasheet HTML 5Page - Eaton All Rights Reserved. MFHA Datasheet HTML 6Page - Eaton All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
Technical Data ELX1178
Effective June 2022
MFHA
SMD current sensing resistor-metal film
www.eaton.com/electronics
Mechanical parameters- Inches [mm]
Recommended pad layout-mm
Family
Size code
L
W
C
d
t
MFHA1206
1206
[3216]
0.126 ± 0.008
[3.20 ± 0.20]
0.063 ± 0.008
[1.60 ± 0.20]
0.020 ± 0.012
[0.50 ± 0.30]
0.016 ± 0.008
[0.40 ± 0.20]
0.022 ± 0.004
[0.55 ± 0.10]
MFHA2512
2512
[6432]
0.252 ± 0.008
[6.40 ± 0.20]
0.126 ± 0.008
[3.20 ± 0.20]
0.024 ± 0.012
[0.60 ± 0.30]
0.020 ± 0.010
[0.50 ± 0.25]
0.022 ± 0.004
[0.55 ± 0.10]
Construction
Over Coat
Resistive Element
Ceramic Substrate
Sn Plating
Ni Plating
Conductor
Part marking: Rxxx: (xxx= resistance value in ohms expressed in 3 digits, 100 = 0.100 Ω or 100 mΩ)
Family
a
b
c
MFHA1206
0.7
5.1
2.5
MFHA2512
1.0
7.5
4.2
1. The copper foil minimum thickness of PCB needs 3 oz.
2. Pad layout dimension tolerance is ±-0.1 mm.
3. The resistance will change slightly after soldered; it is dependent
on PCB pad size deign and it’s necessary to consider the effect of the
resistance increase or decrease.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com