Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MFHA Datasheet(PDF) 5 Page - Eaton All Rights Reserved.

Part # MFHA
Description  SMD current sensing resistor-metal film
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

MFHA Datasheet(HTML) 5 Page - Eaton All Rights Reserved.

  MFHA Datasheet HTML 1Page - Eaton All Rights Reserved. MFHA Datasheet HTML 2Page - Eaton All Rights Reserved. MFHA Datasheet HTML 3Page - Eaton All Rights Reserved. MFHA Datasheet HTML 4Page - Eaton All Rights Reserved. MFHA Datasheet HTML 5Page - Eaton All Rights Reserved. MFHA Datasheet HTML 6Page - Eaton All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
5
Technical Data ELX1178
Effective June 2022
MFHA
SMD current sensing resistor-metal film
www.eaton.com/electronics
Temperature derating curve
Temperature (°C)
General specifications
Insulation resistance: > 100 MΩ
Temperature coefficient of resistance: IEC60115-1 4.8, +25 °C to +125 °C
Short time overload: IEC60115-1 4.13, 2.5 X rated power for 5 s
High temperature exposure (storage): AEC-Q200-REV D-test 3, MIL-STD202 Method 108, 1000 hours. @ +155 °C unpowered
Temperature cycling: AEC-Q200-REV D-Test 4, JESD22 Method JA-104, 1000 cycles (-55 °C to +155 °C), 30 minute maximum dwell time at each temperature extreme. 1 minute
maximum transition time.
Biased humidity: AEC-Q200-REV D-Test 7, MIL-STD-202 method 103, 1000 hours +85 °C/85% RH. Note: Specified conditions: 10% of operating power (not exceeding max
working voltage).
Operational life: AEC-Q200-REV D-Test 8, MIL-STD-202 method 108, 1000 hours, +125 °C at rated derating power.
Resistance to solvents: AEC-Q200-REV D-Test 12, MIL-STD-202 method 215, a: Isopropyl alcohol : mineral spirits= 1 : 3, b: Terpene defluxer (Bioact EC-7R) c: Deionized water :
Propylene glycol Monomethyl ether : monoethanolamine = 42 : 1
Mechanical shock: AEC-Q200-REV D-Test 13, MIL-STD-202 Method 213, half sine shock pulse, peak value is 100 g’s. Normal duration (D) is 6 (ms)
Vibration: AEC-Q200-REV D-Test 14, MIL-STD-202 method 204, 5 g’s for 20 minutes, 12 cycles each of 3 orientations. Test from 10-2000 Hz
Resistance to soldering heat: AEC-Q200-REV D-Test 15, MIL-STD-202 method 210, Condition B : Immerse in eutectic solder at +260 °C ± 5 °C for 10 ± 1 second
Thermal shock: AEC-Q200-REV D-Test 16, MIL-STD-202 method 107, -55 °C/+155 °C. 300 cycles, Maximum transfer time 20 seconds, Dwell time 15 minutes. Air-Air
ESD: AEC-Q200-REV D-Test 17, AEC-Q200-002 or ISO/DIS 10605, verify the voltage setting at 500 V
Solderability: AEC-Q200-REV D-Test 18, J-STD-002, method B, aging 4 hours at +155 °C dry heat Lead-free solder bath at +235 °C ± 3 °C, Dipping time: 3 ± 0.5 seconds, > 95% area
covered with tin
Flammability: AEC-Q200-REV D-Test 20, UL-94, Without plastic part, Use final goods burn with methane twice, each 10 s, Electrical test not required.
Board flex (bending): AEC-Q200-REV D-Test 21, AEC-Q200-005, The duration of the applied forces shall be 60 (+ 5) seconds, 2 mm deflection
Terminal strength (SMD): AEC-Q200-REV D-Test 22, AEC-Q200-006, Force of 1.8 kg for 60 seconds
Rated current & voltage
The rated current and voltage are calculated by the following formula:
I: Rated current (A)
P: Rated power (W)
V: Rated voltage (V)
R: Resistance value (Ω)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com