Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MFHA Datasheet(PDF) 3 Page - Eaton All Rights Reserved.

Part # MFHA
Description  SMD current sensing resistor-metal film
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

MFHA Datasheet(HTML) 3 Page - Eaton All Rights Reserved.

  MFHA Datasheet HTML 1Page - Eaton All Rights Reserved. MFHA Datasheet HTML 2Page - Eaton All Rights Reserved. MFHA Datasheet HTML 3Page - Eaton All Rights Reserved. MFHA Datasheet HTML 4Page - Eaton All Rights Reserved. MFHA Datasheet HTML 5Page - Eaton All Rights Reserved. MFHA Datasheet HTML 6Page - Eaton All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
Technical Data ELX1178
Effective June 2022
MFHA
SMD current sensing resistor-metal film
www.eaton.com/electronics
@= Enter grade option from table above (A=Automotive)
Rxxxx = Enter resistance code option from table above xxxx= resistance code
(R1000 = 100.0 mΩ)
*= Enter resistance tolerance code from tbale above (F= ±1%)
?= Enter power rating code from table above (C= 1 W, E= 2.0 W)
Electrical specifications
Part number
Size
Grade
option
Resistance value mΩ
(Part number code)
Resistance tolerance
(Part number code)
Power rating
(Part number code)
TCR
(ppm/°C)
Operating
temperature
MFH@1206Rxxxx*?
1206 (3216 metric)
A
100 (1000)
±1% (F)
1 W (C)
± 100
-55 °C to +155 °C
MFH@1206Rxxxx*?
1206 (3216 metric)
A
120 (1200)
±1% (F)
1 W (C)
± 100
-55 °C to +155 °C
MFH@1206Rxxxx*?
1206 (3216 metric)
A
150 (1500)
±1% (F)
1 W (C)
± 100
-55 °C to +155 °C
MFH@1206Rxxxx*?
1206 (3216 metric)
A
200 (2000)
±1% (F)
1 W (C)
± 100
-55 °C to +155 °C
MFH@1206Rxxxx*?
1206 (3216 metric)
A
220 (2200)
±1% (F)
1 W (C)
± 100
-55 °C to +155 °C
MFH@1206Rxxxx*?
1206 (3216 metric)
A
250 (2500)
±1% (F)
1 W (C)
± 100
-55 °C to +155 °C
MFH@1206Rxxxx*?
1206 (3216 metric)
A
270 (2700)
±1% (F)
1 W (C)
± 100
-55 °C to +155 °C
MFH@1206Rxxxx*?
1206 (3216 metric)
A
300 (3000)
±1% (F)
1 W (C)
± 100
-55 °C to +155 °C
MFH@1206Rxxxx*?
1206 (3216 metric)
A
400 (4000)
±1% (F)
1 W (C)
± 100
-55 °C to +155 °C
MFH@1206Rxxxx*?
1206 (3216 metric)
A
500 (5000)
±1% (F)
1 W (C)
± 100
-55 °C to +155 °C
MFH@1206Rxxxx*?
1206 (3216 metric)
A
510 (5100)
±1% (F)
1 W (C)
± 100
-55 °C to +155 °C
MFH@1206Rxxxx*?
1206 (3216 metric)
A
700 (7000)
±1% (F)
1 W (C)
± 100
-55 °C to +155 °C
MFH@2512Rxxxx*?
2512 (6432 metric)
A
100 (1000)
±1% (F)
2.0 W (E)
± 100
-55 °C to +155 °C
MFH@2512Rxxxx*?
2512 (6432 metric)
A
120 (1200)
±1% (F)
2.0 W (E)
± 100
-55 °C to +155 °C
MFH@2512Rxxxx*?
2512 (6432 metric)
A
130 (1300)
±1% (F)
2.0 W (E)
± 100
-55 °C to +155 °C
MFH@2512Rxxxx*?
2512 (6432 metric)
A
150 (1500)
±1% (F)
2.0 W (E)
± 100
-55 °C to +155 °C
MFH@2512Rxxxx*?
2512 (6432 metric)
A
180 (1800)
±1% (F)
2.0 W (E)
± 100
-55 °C to +155 °C
MFH@2512Rxxxx*?
2512 (6432 metric)
A
200 (2000)
±1% (F)
2.0 W (E)
± 100
-55 °C to +155 °C
MFH@2512Rxxxx*?
2512 (6432 metric)
A
240 (2400)
±1% (F)
2.0 W (E)
± 100
-55 °C to +155 °C
MFH@2512Rxxxx*?
2512 (6432 metric)
A
250 (2500)
±1% (F)
2.0 W (E)
± 100
-55 °C to +155 °C
MFH@2512Rxxxx*?
2512 (6432 metric)
A
270 (2700)
±1% (F)
2.0 W (E)
± 100
-55 °C to +155 °C
MFH@2512Rxxxx*?
2512 (6432 metric)
A
300 (3000)
±1% (F)
2.0 W (E)
± 100
-55 °C to +155 °C
MFH@2512Rxxxx*?
2512 (6432 metric)
A
360 (3600)
±1% (F)
2.0 W (E)
± 100
-55 °C to +155 °C
MFH@2512Rxxxx*?
2512 (6432 metric)
A
390 (3900)
±1% (F)
2.0 W (E)
± 100
-55 °C to +155 °C
MFH@2512Rxxxx*?
2512 (6432 metric)
A
450 (4500)
±1% (F)
2.0 W (E)
± 100
-55 °C to +155 °C
MFH@2512Rxxxx*?
2512 (6432 metric)
A
470 (4700)
±1% (F)
2.0 W (E)
± 100
-55 °C to +155 °C
MFH@2512Rxxxx*?
2512 (6432 metric)
A
500 (5000)
±1% (F)
2.0 W (E)
± 100
-55 °C to +155 °C
MFH@2512Rxxxx*?
2512 (6432 metric)
A
510 (5100)
±1% (F)
2.0 W (E)
± 100
-55 °C to +155 °C
MFH@2512Rxxxx*?
2512 (6432 metric)
A
680 (6800)
±1% (F)
2.0 W (E)
± 100
-55 °C to +155 °C
MFH@2512Rxxxx*?
2512 (6432 metric)
A
750 (7500)
±1% (F)
2.0 W (E)
± 100
-55 °C to +155 °C



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com