Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX2 Datasheet(PDF) 44 Page - Altera Corporation

Part # MAX2
Description  MAX II Device Handbook
PDF  297 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

MAX2 Datasheet(HTML) 44 Page - Altera Corporation

Back Button MAX2 Datasheet HTML 40Page - Altera Corporation MAX2 Datasheet HTML 41Page - Altera Corporation MAX2 Datasheet HTML 42Page - Altera Corporation MAX2 Datasheet HTML 43Page - Altera Corporation MAX2 Datasheet HTML 44Page - Altera Corporation MAX2 Datasheet HTML 45Page - Altera Corporation MAX2 Datasheet HTML 46Page - Altera Corporation MAX2 Datasheet HTML 47Page - Altera Corporation MAX2 Datasheet HTML 48Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 297 page
background image
2–22
Chapter 2: MAX II Architecture
MultiVolt Core
MAX II Device Handbook
© October 2008
Altera Corporation
MultiVolt Core
The MAX II architecture supports the MultiVolt core feature, which allows MAX II
devices to support multiple VCC levels on the VCCINT supply. An internal linear voltage
regulator provides the necessary 1.8-V internal voltage supply to the device. The
voltage regulator supports 3.3-V or 2.5-V supplies on its inputs to supply the 1.8-V
internal voltage to the device, as shown in Figure 2–18. The voltage regulator is not
guaranteed for voltages that are between the maximum recommended 2.5-V
operating voltage and the minimum recommended 3.3-V operating voltage.
The MAX IIG and MAX IIZ devices use external 1.8-V supply. The 1.8-V VCC external
supply powers the device core directly.
Figure 2–17. EPM570, EPM1270, and EPM2210 UFM Block LAB Row Interface
RTP_BUSY
BUSY
OSC
DRDout
DRDin
PROGRAM
ERASE
OSC_ENA
ARCLK
ARSHFT
DRDCLK
DRDSHFT
ARDin
UFM Block
CFM Block
LAB
LAB
LAB
Figure 2–18. MultiVolt Core Feature in MAX II Devices
MAX II Device
3.3-V or 2.5-V on
VCCINT Pins
Voltage
Regulator
1.8-V Core
Voltage
MAX IIG or MAX IIZ Device
1.8-V on
VCCINT Pins
1.8-V Core
Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com