Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX2 Datasheet(PDF) 93 Page - Altera Corporation

Part # MAX2
Description  MAX II Device Handbook
PDF  297 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

MAX2 Datasheet(HTML) 93 Page - Altera Corporation

Back Button MAX2 Datasheet HTML 89Page - Altera Corporation MAX2 Datasheet HTML 90Page - Altera Corporation MAX2 Datasheet HTML 91Page - Altera Corporation MAX2 Datasheet HTML 92Page - Altera Corporation MAX2 Datasheet HTML 93Page - Altera Corporation MAX2 Datasheet HTML 94Page - Altera Corporation MAX2 Datasheet HTML 95Page - Altera Corporation MAX2 Datasheet HTML 96Page - Altera Corporation MAX2 Datasheet HTML 97Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 297 page
background image
Chapter 5: DC and Switching Characteristics
5–21
Timing Model and Specifications
© August 2009
Altera Corporation
MAX II Device Handbook
Table 5–26 shows the external I/O timing parameters for EPM2210 devices.
External Timing I/O Delay Adders
The I/O delay timing parameters for I/O standard input and output adders, and
input delays are specified by speed grade independent of device density.
Table 5–27 through Table 5–31 show the adder delays associated with I/O pins for all
packages. The delay numbers for –3, –4, and –5 speed grades shown in Table 5–27
through Table 5–33 are based on an EPM1270 device target, while –6, –7, and –8 speed
grade values are based on an EPM570Z device target. If an I/O standard other than
3.3-V LVTTL is selected, add the input delay adder to the external t
SU timing
parameters shown in Table 5–23 through Table 5–26. If an I/O standard other than
3.3-V LVTTL with 16 mA drive strength and fast slew rate is selected, add the output
delay adder to the external t
CO and tPD shown in Table 5–23 through Table 5–26.
Table 5–26. EPM2210 Global Clock External I/O Timing Parameters
Symbol
Parameter
Condition
MAX II / MAX IIG
Unit
–3 Speed Grade
–4 Speed Grade
–5 Speed Grade
MinMax
MinMax
MinMax
t
PD1
Worst case pin-to-pin delay
through 1 look-up table
(LUT)
10 pF
—7.0
—9.1
—
11.2
ns
t
PD2
Best case pin-to-pin delay
through 1 LUT
10 pF
—3.7
—4.8
—5.9
ns
t
SU
Global clock setup time
—
1.2
—
1.5
—
1.9
—
ns
t
H
Global clock hold time
—
0
—
0
—
0
—
ns
t
CO
Global clock to output delay
10 pF
2.0
4.6
2.0
6.0
2.0
7.4
ns
t
CH
Global clock high time
—
166
—
216
—
266
—
ps
t
CL
Global clock low time
—
166
—
216
—
266
—
ps
t
CNT
Minimum global clock
period for
16-bit counter
—
3.3
—
4.0
—
5.0
—
ns
f
CNT
Maximum global clock
frequency for 16-bit counter
—
—
304.0
(1)
—247.5
—
201.1
MHz
Note to Table 5–26:
(1) The maximum frequency is limited by the I/O standard on the clock input pin. The 16-bit counter critical delay performs faster than this global
clock input pin maximum frequency.
Table 5–27. External Timing Input Delay Adders (Part 1 of 2)
I/O Standard
MAX II / MAX IIG
MAX IIZ
Unit
–3 Speed
Grade
–4 Speed
Grade
–5 Speed
Grade
–6 Speed
Grade
–7 Speed
Grade
–8 Speed
Grade
Min
Max
Min
Max
Min
Max
Min
Max
Min
Max
Min
Max
3.3-V LVTTL
Without Schmitt
Trigger
—0
—0
—
0
—0
—
0
—
0
ps
With Schmitt
Trigger
—
334
—
434
—
535
—
387
—
434
—
442
ps



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com