Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS93701 Datasheet(PDF) 4 Page - Integrated Circuit Systems

Part # ICS93701
Description  DDR Phase Lock Loop Clock Driver
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS93701 Datasheet(HTML) 4 Page - Integrated Circuit Systems

  ICS93701 Datasheet HTML 1Page - Integrated Circuit Systems ICS93701 Datasheet HTML 2Page - Integrated Circuit Systems ICS93701 Datasheet HTML 3Page - Integrated Circuit Systems ICS93701 Datasheet HTML 4Page - Integrated Circuit Systems ICS93701 Datasheet HTML 5Page - Integrated Circuit Systems ICS93701 Datasheet HTML 6Page - Integrated Circuit Systems ICS93701 Datasheet HTML 7Page - Integrated Circuit Systems ICS93701 Datasheet HTML 8Page - Integrated Circuit Systems ICS93701 Datasheet HTML 9Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
4
ICS93701
0417B—10/29/02
Absolute Maximum Ratings
Supply Voltage (VDD & AVDD) . . . . . . . . . . . -0.5V to 3.6V
Logic Inputs . . . . . . . . . . . . . . . . . . . . . . . . . GND –0.5 V to VDD + 0.5 V
Ambient Operating Temperature . . . . . . . . . . 0°C to +85°C
Storage Temperature . . . . . . . . . . . . . . . . . . . –65°C to +150°C
Stresses above those listed under Absolute Maximum Ratings may cause permanent damage to the device. These
ratings are stress specifications only and functional operation of the device at these or any other conditions above those
listed in the operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions
for extended periods may affect product reliability.
Electrical Characteristics - Input / Supply / Common Output Parameters
TA = 0 - 85
oC; Supply Voltage A
VDD, VDD = 2.5V +/- 0.2V (unless otherwise stated)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Input High Current
IIH
VIN = VDD or GND
5µA
Input Low Current
IIL
VIN = VDD or GND
5µA
IDD2.5
CL = 0pF @ 100MHz
185
210
mA
IDDPD
CL = 0pF @ 100MHz
0.15
100
mA
Output High Current
IOH
VDD = 2.3V, VOUT = 1V
-18
-32
mA
Output Low Current
IOL
VDD = 2.3V, VOUT = 1.2V
26
35
mA
Input Clamp Voltage
VIK
VDDQ = 2.3V IIN = -18mA
-1.2
V
VDD = min to max,
IOH = -1 mA
VDDQ = 2.3V,
IOH = -12 mA
VDD = min to max
IOL=1 mA
VDDQ = 2.3 V
IOL=12 mA
Input Capacitance
1
CIN
VIN = GND or VDD
3pF
Output Capacitance
1
COUT
VOUT = GND or VDD
3pF
1Guaranteed by design, not 100% tested in production.
Operating Supply
Current
High Impedance Output
Current
IOZ
VDD=2.7V, VOUT=VDD or GND
0.1
±10
µA
0.6
VOL
Low-level output voltage
High-level output voltage
VOH
VDDQ - 0.1
1.7
V
V
0.05
2.45
V
V
0.35
0.1
2.10



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com