Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS93701 Datasheet(PDF) 6 Page - Integrated Circuit Systems

Part # ICS93701
Description  DDR Phase Lock Loop Clock Driver
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS93701 Datasheet(HTML) 6 Page - Integrated Circuit Systems

  ICS93701 Datasheet HTML 1Page - Integrated Circuit Systems ICS93701 Datasheet HTML 2Page - Integrated Circuit Systems ICS93701 Datasheet HTML 3Page - Integrated Circuit Systems ICS93701 Datasheet HTML 4Page - Integrated Circuit Systems ICS93701 Datasheet HTML 5Page - Integrated Circuit Systems ICS93701 Datasheet HTML 6Page - Integrated Circuit Systems ICS93701 Datasheet HTML 7Page - Integrated Circuit Systems ICS93701 Datasheet HTML 8Page - Integrated Circuit Systems ICS93701 Datasheet HTML 9Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
6
ICS93701
0417B—10/29/02
Switching Characteristics
PARAMETER
SYMBOL
CONDITION
MIN
TYP
MAX
UNITS
Low-to high level
propagation delay time
High-to low level
propagation delay time
Output enable time
tEN
PD# to any output
3
ns
Output disable time
tdis
PD# to any output
3
ns
Period Jitter
100/133/166MHz
-40
±25
40
ps
Half-period jitter
t(jit_hper)
100/133/166MHz
-120
±50
100
ps
Cycle to Cycle Jitter1
Tcyc-Tcyc
100/133/166MHz
30
65
ps
Phase error
t(phase error)
100/133/166Mhz
-150
-100
150
ps
Output to Output Skew
Tskew
60
100
ps
Pulse skew
Tskewp
60
100
ps
66MHz to 100MHz
49.5
50
50.5
%
101MHz to 133MHz
48.5
49
50
%
135MHz to 167MHz
48.5
49
50
%
Slew Rate
tSLEW
Load = 120
Ω/14pF
11.9
2
ps
Notes:
1. Refers to transition on noninverting outputs in PLL bypass mode.
2. While the pulse skew is almost constant over frequency, the duty cycle error increases at
high frequencies. This is due to the formula: duty cycle=twH/tc, where the cycle (tc)
decreases as the frequency goes up.
Duty cycle
DC
2
3.5
tPHL
1
CLK_IN to any output
3.5
tPLH
1
CLK_IN to any output
ns
ns



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com