Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS93701 Datasheet(PDF) 1 Page - Integrated Circuit Systems

Part # ICS93701
Description  DDR Phase Lock Loop Clock Driver
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS93701 Datasheet(HTML) 1 Page - Integrated Circuit Systems

  ICS93701 Datasheet HTML 1Page - Integrated Circuit Systems ICS93701 Datasheet HTML 2Page - Integrated Circuit Systems ICS93701 Datasheet HTML 3Page - Integrated Circuit Systems ICS93701 Datasheet HTML 4Page - Integrated Circuit Systems ICS93701 Datasheet HTML 5Page - Integrated Circuit Systems ICS93701 Datasheet HTML 6Page - Integrated Circuit Systems ICS93701 Datasheet HTML 7Page - Integrated Circuit Systems ICS93701 Datasheet HTML 8Page - Integrated Circuit Systems ICS93701 Datasheet HTML 9Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Integrated
Circuit
Systems, Inc.
ICS93701
0417B—10/29/02
Block Diagram
DDR Phase Lock Loop Clock Driver
Pin Configuration
48-Pin TSSOP
Recommended Application:
DDR Clock Driver
Product Description/Features:
•
Low skew, low jitter PLL clock driver
•I
2C for functional and output control
•
Feedback pins for input to output synchronization
•
Spread Spectrum tolerant inputs
Switching Characteristics:
•
PEAK - PEAK jitter (66MHz): <120ps
•
PEAK - PEAK jitter (>100MHz): <75ps
•
CYCLE - CYCLE jitter (66MHz):<120ps
•
CYCLE - CYCLE jitter (>100MHz):<65ps
•
OUTPUT - OUTPUT skew: <100ps
•
DUTY CYCLE: 49.5% - 50.5%
•
Slew rate: 1V/ns - 2V/ns
GND
CLKC0
CLKT0
VDD
CLKT1
CLKC1
GND
GND
CLKC2
CLKT2
VDD
SCLK
CLK_INT
CLK_INC
AVDD
AGND
GND
CLKC3
CLKT3
VDD
CLKT4
CLKC4
GND
VDDI C
2
GND
CLKC5
CLKT5
VDD
CLKT6
CLKC6
GND
GND
CLKC7
CLKT7
VDD
SDATA
FB_INC
VDD
FB_OUTT
GND
CLKC8
CLKT8
VDD
CLKT9
CLKC9
GND
FB_INT
FB_OUTC
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
Functionality
S
T
U
P
N
IS
T
U
P
T
U
O
e
t
a
t
S
L
L
P
D
D
V
AT
N
I
_
K
L
CC
N
I
_
K
L
CT
K
L
CC
K
L
CT
T
U
O
_
B
FC
T
U
O
_
B
F
V
5
.
2
)
m
o
n
(
LH
L
H
L
H
n
o
V
5
.
2
)
m
o
n
(
HL
H
L
H
L
n
o
V
5
.
2
)
m
o
n
(
)
z
H
M
0
2
<
)
1
(
ZZ
Z
Z
f
f
o
PLL
FB_INT
FB_INC
CLK_INC
CLK_INT
SCLK
SDATA
Control
Logic
FB_OUTT
FB_OUTC
CLKT0
CLKT1
CLKT2
CLKT3
CLKT4
CLKT5
CLKT6
CLKT7
CLKT8
CLKT9
CLKC0
CLKC1
CLKC2
CLKC3
CLKC4
CLKC5
CLKC6
CLKC7
CLKC8
CLKC9


Similar Part No. - ICS93701

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ICS93701 RENESAS-ICS93701 Datasheet
3Mb / 9P
DDR Phase Lock Loop Clock Driver
2019
More results

Similar Description - ICS93701

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS93V850 ICST-ICS93V850 Datasheet
167Kb / 8P
DDR Phase Lock Loop Clock Driver
ICS93716 ICST-ICS93716 Datasheet
89Kb / 12P
Low Cost DDR Phase Lock Loop Clock Driver
ICS93V855 ICST-ICS93V855 Datasheet
66Kb / 9P
DDR Phase Lock Loop Clock Driver
ICS95V842 ICST-ICS95V842 Datasheet
80Kb / 9P
DDR Phase Lock Loop Clock Driver (60MHz - 220MHz)
ICS95V842I ICST-ICS95V842I Datasheet
93Kb / 9P
DDR Phase Lock Loop Clock Driver (60MHz - 220MHz)
logo
Renesas Technology Corp
ICS93V855I RENESAS-ICS93V855I Datasheet
304Kb / 10P
DDR Phase Lock Loop Clock Driver
2019
ICS95V842 RENESAS-ICS95V842 Datasheet
263Kb / 10P
DDR Phase Lock Loop Clock Driver (60MHz - 220MHz)
2019
ICS95V850 RENESAS-ICS95V850 Datasheet
327Kb / 11P
DDR Phase Lock Loop Clock Driver (60MHz - 210MHz)
2019
ICS93701 RENESAS-ICS93701 Datasheet
3Mb / 9P
DDR Phase Lock Loop Clock Driver
2019
ICS93716 RENESAS-ICS93716 Datasheet
319Kb / 14P
Low Cost DDR Phase Lock Loop Clock Driver
2019
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com