Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSP34X2G Datasheet(PDF) 39 Page - Micronas

Part # MSP34X2G
Description  Multistandard Sound Processor Family with Dolby Surround Pro Logic
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

MSP34X2G Datasheet(HTML) 39 Page - Micronas

Back Button MSP34X2G Datasheet HTML 35Page - Micronas MSP34X2G Datasheet HTML 36Page - Micronas MSP34X2G Datasheet HTML 37Page - Micronas MSP34X2G Datasheet HTML 38Page - Micronas MSP34X2G Datasheet HTML 39Page - Micronas MSP34X2G Datasheet HTML 40Page - Micronas MSP34X2G Datasheet HTML 41Page - Micronas MSP34X2G Datasheet HTML 42Page - Micronas MSP34X2G Datasheet HTML 43Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 104 page
background image
PRELIMINARY DATA SHEET
MSP 34x2G
Micronas
39
00 04hex
00 33hex
Loudness Loudspeaker Channel
Loudness Headphone Channel
bit[15:8]
Loudness Gain
44hex
+17 dB
40hex
+16 dB
...
04hex
+1dB
00hex
0dB
bit[7:0]
Loudness Mode
00hex
normal (constant volume at 1 kHz)
04hex
Super Bass (constant volume at 2 kHz)
Higher resolution of Loudness Gain is possible: An LSB step results in a gain
step of about 1/4 dB.
Loudness increases the volume of low- and high-frequency signals, while keep-
ing the amplitude of the 1-kHz reference frequency constant. The intended loud-
ness has to be set according to the actual volume setting. Because loudness
introduces gain, it is not recommended to set loudness to a value that, in con-
junction with volume, would result in an overall positive gain.
The corner frequency for bass amplification can be set to two different values. In
Super Bass mode, the corner frequency is shifted up. The point of constant vol-
ume is shifted from 1 kHz to 2 kHz.
LOUD_MAIN
LOUD_AUX
Table 3–11: Write Registers on I2C Subaddress 12hex, continued
Register
Address
Function
Name



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com