Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSP34X2G Datasheet(PDF) 97 Page - Micronas

Part # MSP34X2G
Description  Multistandard Sound Processor Family with Dolby Surround Pro Logic
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

MSP34X2G Datasheet(HTML) 97 Page - Micronas

Back Button MSP34X2G Datasheet HTML 93Page - Micronas MSP34X2G Datasheet HTML 94Page - Micronas MSP34X2G Datasheet HTML 95Page - Micronas MSP34X2G Datasheet HTML 96Page - Micronas MSP34X2G Datasheet HTML 97Page - Micronas MSP34X2G Datasheet HTML 98Page - Micronas MSP34X2G Datasheet HTML 99Page - Micronas MSP34X2G Datasheet HTML 100Page - Micronas MSP34X2G Datasheet HTML 101Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 104 page
background image
PRELIMINARY DATA SHEET
MSP 34x2G
Micronas
97
6.5. Manual/Compatibility Mode:
Description of DSP Write Registers
6.5.1. Additional Channel Matrix Modes
This table shows additional modes for the channel
matrix registers.
The sum/difference mode can be used together with
the quasi-peak detector to determine the sound mate-
rial mode. If the difference signal on channel B (right)
is near to zero, and the sum signal on channel A (left)
is high, the incoming audio signal is mono. If there is a
significant level on the difference signal, the incoming
audio is stereo.
6.5.2. Volume Modes of SCART1/2 Outputs
6.5.3. FM Fixed Deemphasis
Note: This register is initialised during STANDARD
SELECTION and is automatically updated when Auto-
matic Sound Select (MODUS[0]=1) is on.
6.5.4. FM Adaptive Deemphasis
Note: This register is initialised during STANDARD
SELECTION and is automatically updated when Auto-
matic Sound Select (MODUS[0]=1) is on.
6.5.5. NICAM Deemphasis
A J17 Deemphasis is always applied to the NICAM sig-
nal. It is not switchable.
Loudspeaker Matrix
00 08hex
L
Headphone Matrix
00 09hex
L
SCART1 Matrix
00 0Ahex
L
SCART2 Matrix
00 41hex
L
I2S Matrix
00 0Bhex
L
Quasi-Peak
Detector Matrix
00 0Chex
L
SUM/DIFF
0100 0000
40hex
AB_XCHANGE
0101 0000
50hex
PHASE_CHANGE_B
0110 0000
60hex
PHASE_CHANGE_A
0111 0000
70hex
A_ONLY
1000 0000
80hex
B_ONLY
1001 0000
90hex
Volume Mode SCART1
00 07hex
[3:0]
Volume Mode SCART2
00 40hex
[3:0]
linear
0000
0hex
RESET
logarithmic
0001
1hex
Linear Mode
Volume SCART1
00 07hex
H
Volume SCART2
00 40hex
H
OFF
0000 0000
00hex
RESET
0dB gain
(digital full scale (FS) to 2
VRMS output)
0100 0000
40hex
+6 dB gain (−6 dBFS to 2
VRMS output)
0111 1111
7Fhex
FM Deemphasis
00 0Fhex
H
50
µs
0000 0000
00hex
RESET
75
µs
0000 0001
01hex
OFF
0011 1111
3Fhex
FM Adaptive
Deemphasis WP1
00 0Fhex
L
OFF
0000 0000
00hex
RESET
WP1
0011 1111
3Fhex



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com