Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSP34X2G Datasheet(PDF) 21 Page - Micronas

Part # MSP34X2G
Description  Multistandard Sound Processor Family with Dolby Surround Pro Logic
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

MSP34X2G Datasheet(HTML) 21 Page - Micronas

Back Button MSP34X2G Datasheet HTML 17Page - Micronas MSP34X2G Datasheet HTML 18Page - Micronas MSP34X2G Datasheet HTML 19Page - Micronas MSP34X2G Datasheet HTML 20Page - Micronas MSP34X2G Datasheet HTML 21Page - Micronas MSP34X2G Datasheet HTML 22Page - Micronas MSP34X2G Datasheet HTML 23Page - Micronas MSP34X2G Datasheet HTML 24Page - Micronas MSP34X2G Datasheet HTML 25Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 104 page
background image
PRELIMINARY DATA SHEET
MSP 34x2G
Micronas
21
3. Control Interface
3.1. I2C Bus Interface
3.1.1. Device and Subaddresses
The MSP 34x2G is controlled via the I2C bus slave
interface.
The IC is selected by transmitting one of the
MSP 34x2G device addresses. In order to allow up to
three MSP ICs to be connected to a single bus, an
address select pin (ADR_SEL) has been implemented.
With ADR_SEL pulled to high, low, or left open, the
MSP 34x2G responds to different device addresses. A
device address pair is defined as a write address and a
read address (see Table 3–1).
Writing is done by sending the device write address,
followed by the subaddress byte, two address bytes,
and two data bytes. Reading is done by sending the
write device address, followed by the subaddress byte
and two address bytes. Without sending a stop condi-
tion, reading of the addressed data is completed by
sending the device read address and reading two
bytes of data. Refer to Section 3.1.4. for the I2C bus
protocol and to Section 3.4. “Programming Tips” on
page 47 for proposals of MSP 34x2G I2C telegrams.
See Table 3–2 for a list of available subaddresses.
Besides the possibility of hardware reset, the MSP can
also be reset by means of the RESET bit in the CON-
TROL register by the controller via I2C bus.
Due to the internal architecture of the MSP 34x2G, the
IC cannot react immediately to an I2C request. The
typical response time is about 0.3 ms. If the MSP can-
not accept another complete byte of data until it has
performed some other function (for example, servicing
an internal interrupt), it will hold the clock line I2C_CL
LOW to force the transmitter into a wait state. The
positions within a transmission where this may happen
are indicated by “Wait” in Section 3.1.4. The maximum
wait period of the MSP during normal operation mode
is less than 1 ms.
3.1.2. Internal Hardware Error Handling
In case of any internal hardware error (e.g. interruption
of the power supply of the MSP), the MSP’s wait period
is extended to 1.8 ms. After this time period elapses,
the MSP releases data and clock lines.
Indicating and solving the error status:
To indicate the error status, the remaining acknowl-
edge bits of the actual I2C-protocol will be left high.
Additionally, bit[14] of CONTROL is set to one. The
MSP can then be reset via the I2C bus by transmitting
the reset condition to CONTROL.
Indication of reset:
Any reset, even caused by an unstable reset line etc.,
is indicated in bit[15] of CONTROL.
A general timing diagram of the I2C bus is shown in
Fig. 4–21 on page 69.
Table 3–1: I2C Bus Device Addresses
ADR_SEL
Low
High
Left Open
Mode
Write
Read
Write
Read
Write
Read
MSP device address
80hex
81hex
84hex
85hex
88hex
89hex
Table 3–2: I2C Bus Subaddresses
Name
Binary Value
Hex Value
Mode
Function
CONTROL
0000 0000
00
Read/Write
Write: Software reset of MSP (see Table 3–3)
Read: Hardware error status of MSP
TEST
0000 0001
01
Write
only for internal use
WR_DEM
0001 0000
10
Write
write address demodulator
RD_DEM
0001 0001
11
Write
read address demodulator
WR_DSP
0001 0010
12
Write
write address DSP
RD_DSP
0001 0011
13
Write
read address DSP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com