Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1ST040EH2F35I3VLS1 Datasheet(PDF) 13 Page - Intel Corporation

Part # 1ST040EH2F35I3VLS1
Description  Intel® Stratix® 10 TX Device Overview
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

1ST040EH2F35I3VLS1 Datasheet(HTML) 13 Page - Intel Corporation

Back Button 1ST040EH2F35I3VLS1 Datasheet HTML 9Page - Intel Corporation 1ST040EH2F35I3VLS1 Datasheet HTML 10Page - Intel Corporation 1ST040EH2F35I3VLS1 Datasheet HTML 11Page - Intel Corporation 1ST040EH2F35I3VLS1 Datasheet HTML 12Page - Intel Corporation 1ST040EH2F35I3VLS1 Datasheet HTML 13Page - Intel Corporation 1ST040EH2F35I3VLS1 Datasheet HTML 14Page - Intel Corporation 1ST040EH2F35I3VLS1 Datasheet HTML 15Page - Intel Corporation 1ST040EH2F35I3VLS1 Datasheet HTML 16Page - Intel Corporation 1ST040EH2F35I3VLS1 Datasheet HTML 17Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 39 page
background image
Table 6.
Intel Stratix 10 TX Package Plan
Cell legend: General Purpose I/Os, High-Voltage I/Os, LVDS Pairs, E-tile Transceivers, H-tile Transceivers. (2) (3)
(4) (5) (6)
Intel Stratix
10 TX Device
Name
F1152
HF35 - 24 Transceivers
(35 x 35 mm2)
F1760
NF43 - 48 Transceivers
(42.5 x 42.5 mm2)
F2397
SF50 - 72 Transceivers
UF50 - 96 Transceivers
(50 x 50 mm2)
F2912
YF55 - 144 Transceivers
(55 x 55 mm2)
TX 400
384, 0, 144, 24, 0
-
-
-
TX 850
-
440, 8, 216, 24, 24
440, 8, 216, 48, 24
-
TX 1100
-
440, 8, 216, 24, 24
440, 8, 216, 48, 24
-
TX 1650
-
-
440, 8, 216, 72, 24
-
TX 2100
-
-
440, 8, 216, 72, 24
-
TX 2500
-
-
440, 8, 216, 72, 24
296, 8, 144, 120, 24
TX 2800
-
-
440, 8, 216, 72, 24
296, 8, 144, 120, 24
Figure 3.
Tile Configuration 1: HF35 Package
Package Substrate
Core Fabric
®
E-Tile
(24 Channels)
HF35 (F1152)
(2) All packages are ball grid arrays with 1.0 mm pitch.
(3) High-Voltage I/O pins are used for 3 V and 2.5 V interfacing.
(4) Each LVDS pair can be configured as either a differential input or a differential output.
(5) High-Voltage I/O pins and LVDS pairs are included in the General Purpose I/O count.
Transceivers are counted separately.
(6) Each package column offers pin migration (common circuit board footprint) for all devices in
the column.
1. Intel® Stratix® 10 TX Device Overview
683717 | 2022.08.18
Send Feedback
Intel® Stratix® 10 TX Device Overview
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com