Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1ST040EH2F35I3VLS1 Datasheet(PDF) 21 Page - Intel Corporation

Part # 1ST040EH2F35I3VLS1
Description  Intel® Stratix® 10 TX Device Overview
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

1ST040EH2F35I3VLS1 Datasheet(HTML) 21 Page - Intel Corporation

Back Button 1ST040EH2F35I3VLS1 Datasheet HTML 17Page - Intel Corporation 1ST040EH2F35I3VLS1 Datasheet HTML 18Page - Intel Corporation 1ST040EH2F35I3VLS1 Datasheet HTML 19Page - Intel Corporation 1ST040EH2F35I3VLS1 Datasheet HTML 20Page - Intel Corporation 1ST040EH2F35I3VLS1 Datasheet HTML 21Page - Intel Corporation 1ST040EH2F35I3VLS1 Datasheet HTML 22Page - Intel Corporation 1ST040EH2F35I3VLS1 Datasheet HTML 23Page - Intel Corporation 1ST040EH2F35I3VLS1 Datasheet HTML 24Page - Intel Corporation 1ST040EH2F35I3VLS1 Datasheet HTML 25Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 39 page
background image
KR4 Forward Error Correction (FEC) circuit. For highly customized implementations, a
PCS Direct mode provides an interface up to 64 bits wide to allow for custom encoding
and support for data rates up to 28.9 Gbps.
For more information about the PCS-Core interface or the double rate transfer mode,
refer to the Intel Stratix 10 L- and H-Tile Transceiver PHY User Guide, and the Intel
Stratix 10 E-Tile Transceiver PHY User Guide.
Table 8.
Transceiver PCS Features
PCS Protocol
Support
Data Rate (Gbps)
Transmitter Data Path
Receiver Data Path
Standard PCS
0.125 to 12.5
Phase compensation FIFO, byte
serializer, 8B/10B encoder, bit-slipper,
channel bonding
Rate match FIFO, word-aligner, 8B/10B
decoder, byte deserializer, byte
ordering
PCI Express
Gen1/Gen2 x1,
x2, x4, x8, x16
2.5 and 5.0
Same as Standard PCS plus PIPE 2.0
interface to core
Same as Standard PCS plus PIPE 2.0
interface to core
PCI Express Gen3
x1, x2, x4, x8,
x16
8.0
Phase compensation FIFO, byte
serializer, encoder, scrambler, bit-
slipper, gear box, channel bonding, and
PIPE 3.0 interface to core, auto speed
negotiation
Rate match FIFO (0-600 ppm mode),
word-aligner, decoder, descrambler,
phase compensation FIFO, block sync,
byte deserializer, byte ordering, PIPE
3.0 interface to core, auto speed
negotiation
CPRI
0.6144 to 9.8
Same as Standard PCS plus
deterministic latency serialization
Same as Standard PCS plus
deterministic latency deserialization
Enhanced PCS
2.5 to 17.4
FIFO, channel bonding, bit-slipper, and
gear box
FIFO, block sync, bit-slipper, and gear
box
10GBASE-R
10.3125
FIFO, 64B/66B encoder, scrambler,
FEC, and gear box
FIFO, 64B/66B decoder, descrambler,
block sync, FEC, and gear box
Interlaken
4.9 to 17.4
FIFO, channel bonding, frame
generator, CRC-32 generator,
scrambler, disparity generator, bit-
slipper, and gear box
FIFO, CRC-32 checker, frame sync,
descrambler, disparity checker, block
sync, and gear box
SFI-S/SFI-5.2
11.3
FIFO, channel bonding, bit-slipper, and
gear box
FIFO, bit-slipper, and gear box
IEEE 1588
1.25 to 10.3125
FIFO (fixed latency), 64B/66B encoder,
scrambler, and gear box
FIFO (fixed latency), 64B/66B decoder,
descrambler, block sync, and gear box
SDI
up to 12.5
FIFO and gear box
FIFO, bit-slipper, and gear box
GigE
1.25
Same as Standard PCS plus GigE state
machine
Same as Standard PCS plus GigE state
machine
PCS Direct
up to 28.9
Custom
Custom
Related Information
Intel Stratix 10 L- and H-Tile Transceiver PHY User Guide
1.9. PCI Express Gen1/Gen2/Gen3 Hard IP
Intel Stratix 10 TX devices contain embedded PCI Express hard IP designed for
performance, ease-of-use, increased functionality, and designer productivity.
The PCI Express hard IP consists of the PHY, Data Link, and Transaction layers. It also
supports PCI Express Gen1/Gen2/Gen3 end point and root port, in x1/x2/x4/x8/x16
lane configurations. The PCI Express hard IP is capable of operating independently
1. Intel® Stratix® 10 TX Device Overview
683717 | 2022.08.18
Send Feedback
Intel® Stratix® 10 TX Device Overview
21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com