Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1ST040EH2F35I3VLS1 Datasheet(PDF) 39 Page - Intel Corporation

Part # 1ST040EH2F35I3VLS1
Description  Intel® Stratix® 10 TX Device Overview
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

1ST040EH2F35I3VLS1 Datasheet(HTML) 39 Page - Intel Corporation

Back Button 1ST040EH2F35I3VLS1 Datasheet HTML 31Page - Intel Corporation 1ST040EH2F35I3VLS1 Datasheet HTML 32Page - Intel Corporation 1ST040EH2F35I3VLS1 Datasheet HTML 33Page - Intel Corporation 1ST040EH2F35I3VLS1 Datasheet HTML 34Page - Intel Corporation 1ST040EH2F35I3VLS1 Datasheet HTML 35Page - Intel Corporation 1ST040EH2F35I3VLS1 Datasheet HTML 36Page - Intel Corporation 1ST040EH2F35I3VLS1 Datasheet HTML 37Page - Intel Corporation 1ST040EH2F35I3VLS1 Datasheet HTML 38Page - Intel Corporation 1ST040EH2F35I3VLS1 Datasheet HTML 39Page - Intel Corporation  
Zoom Inzoom in Zoom Outzoom out
 39 / 39 page
background image
Version
Changes
• Added black key provisioning (-BK) devices. See the "Sample Ordering Code" figure in
Available Options.
2020.03.24
Made the following change:
• Added advanced security (-AS) devices.
2019.08.19
Made the following changes:
• Added composition details for the leaded and lead-free contact device options.
• Updated family plan device options and added a tile layout variant.
2019.03.11
Made the following changes:
• Updated maximum transceiver data rate from 30 Gbps to 28.9 Gbps.
2019.02.15
Made the following changes:
• Added "Figure 1: Sample Ordering Code and Available Options for Intel Stratix 10
Devices" in the "Intel Stratix 10 TX Devices" section.
• Changed the number of eSRAM memory block to 47.25 Mb and the number of
embedded memory to 94.5 Mb.
• Changed the number of maximum transceiver data rate to 57.8 Gbps.
• Added the resource availabilities for the TX 400, TX 650, TX 850, and TX 1100 devices
in the "Intel Stratix 10 TX Family Plan—FPGA Core (part 1)" table.
• Added the resource availabilities for the TX 400, TX 650, TX 850, and TX 1100 devices
in the "Intel Stratix 10 TX Family Plan - Interconnects, PLLs and Hard IP (part 1)" table.
• Added the resource availabilities for the TX 400, TX 650, TX 850, and TX 1100 devices
in the "Intel Stratix 10 TX Package Plan" table.
• Updated Tile Layout diagrams for NF43 (F1760) and SF50 (F2397) packages.
2018.08.10
Made the following changes:
• Changed the direction arrow from the coefficient registers block in the "DSP Block: High
Precision Fixed Point Mode" figure.
• Changed the descriptions for the core process technology and power management
features in the "Intel Stratix 10 TX Device Features" table.
• Changed the description of the SmartVID in the "Power Management" section.
2018.02.21
Made the following changes:
• Updated the fPLL counts in the "Intel Stratix 10 TX Family Plan - Interconnects, PLLs
and Hard IP (part 2)" table.
• Changed the fPLL counts in the "Fractional Synthesis and I/O PLLs" section.
2017.10.30
Made the following changes:
• Changed the resource availabilities for the TX 1650 and TX 2100 devices in the "Intel
Stratix 10 TX Family Plan—FPGA Core (part 1)" table.
2017.08.02
Made the following changes:
• Only some of the devices have eSRAM. Mentioned this in the appropriate places in the
app note
• 100Gbe Hard IP included in the bottom left H-tile of the Intel Stratix 10 TX Architecture
Block Diagram
• Added a new column "HPS" in the Intel Stratix 10 TX Family Plan - FPGA Core (part 1)
table
• Updated table "Intel Stratix 10 TX Family Plan - Interconnects, PLLs and Hard IP (part
2)"
• Added Tile Layout diagrams
2016.10.31
Initial release.
1. Intel® Stratix® 10 TX Device Overview
683717 | 2022.08.18
Send Feedback
Intel® Stratix® 10 TX Device Overview
39



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com