Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP67 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # IP67
Description  Increase outdoor enclosure durability in harsh environments
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

IP67 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  IP67 Datasheet HTML 1Page - List of Unclassifed Manufacturers IP67 Datasheet HTML 2Page - List of Unclassifed Manufacturers IP67 Datasheet HTML 3Page - List of Unclassifed Manufacturers IP67 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
p
p
p
p
p
Salt Fog Testing
Corrosive Gas Testing
Flammability and
UV Resistance Testing
(Not applicable to stainless
steel materials)
Vibration Testing
(Not applicable to
PolyVent XL)
Vent resistance to salty
environments
Methods:
•
IEC 60068-2-11
(salt fog)
•
IEC 60068-2-52
(cyclic salt fog)
Vent durability in corrosive gas
environment (e.g., NO
x, SOx,
H
2S, Clx)
Method:
•
GR-3108-CORE
Resistance to open flame,
radiant heat and ultraviolet light
Method:
•
UL 94 V-0 and UL 746C f1
All non-metal
PolyVent caps / bodies
•
UL 94 V-0
All PolyVent O-ring materials
•
UL 94 VTM-0
GORE™ Membranes in
PolyVent XS and Stainless Steel
Vent resistance against
vibration
Method:
•
ETSI EN 300 019-2-2
•
IEC 60068-2-64
Solar Industry Testing
(PolyVent XL only)
Durability in solar applications
Methods:
•
IEC 62108 10.8
(humidity freeze – high
temperature / humidity
followed by freezing
temperature)
•
IEC 62108 10.9
(hail impact)
M32x1.5 DIN13-22 6g
GORETM Membrane
O-Ring 55x3.2
O
/ 75
Illu ist identisch mit
Querschnitt_PolyVent Standard_Recom.Install
Housing wall
Center axis of through-hole
60° 2°
GORETM Membrane
O-Ring 10x 2
8.5
14.15 0.2
Illu ist identisch mit
Querschnitt_PolyVent Standard_Recom.Install
Housing wall
60° 2°
Center axis of through-hole
max. 0.25° AA
M32x1.5 DIN13-22 6H
Center axis of
through-hole
Product Name
PolyVent XS
PolyVent Standard
PolyVent Standard
PolyVent High Airflow
PolyVent XL
PolyVent Stainless Steel
Thread Size
M6x0.75
M12x1
M12x1.5
M12x1.5
M32x1.5
M12x1.5
Product Number
PMF100600
PMF100318 (black) / PMF100319(grey)
PMF100320 (black) / PMF100321(grey)
PMF100585 (black) / PMF100586 (grey)
PMF200542
PMF200444
Product Performance Characteristics
Typical airflow
300 ml /min (dp = 70 mbar)
450 ml /min (dp = 70 mbar)
450 ml /min (dp = 70 mbar)
4000 ml /min (dp = 70 mbar)
16 l /min (dp = 12 mbar)
1600 ml /min (dp = 70 mbar)
Laminate: membrane/
backing material
ePTFE / –
ePTFE /Polyester (PET)
ePTFE /Polyester (PET)
ePTFE /Polyester (PET)
ePTFE /Polyester (PET)
ePTFE /–
Membrane characteristic
Oleophobic
Oleophobic
Oleophobic
Oleophobic
Oleophobic
Oleophobic
Vent body & cap: material
Polyamide (PA6/66)
Polyamide (PA6)
Polyamide (PA6)
Polyamide (PA6)
Polycarbonate (PC)
Stainless steel (1.4404 /316L)
Vent body & cap: color
Black: RAL 9004
Black: RAL 9011/Grey: RAL 7035
Black: RAL 9011/Grey: RAL 7035
Black: RAL 9011 /Grey: RAL 7035
Grey: RAL 7035
Metallic
Wrench size
10 mm
16 mm
16 mm
16 mm
70 mm
18 mm
O-Ring material
Silicone 60 Shore A
Silicone 60 Shore A
Silicone 60 Shore A
Silicone 60 Shore A
Silicone 60 Shore A
Silicone 60 Shore A
Counter nut: material/
color/part number
n/a
n/a
Plastic/Grey/M10510-009
Plastic /Grey /M10510-009
Plastic /Grey /M10510-010
Nickel-plated brass /M10510-008
Traceability
Yes: Individually laser-marked
Yes: Individually laser-marked
Yes: Individually laser-marked
Yes: Individually laser-marked
No
Yes: Individually laser-marked
Design and Dimensions
Units are in mm
Recommended Installation
Units are in mm
• Install on a flat, vertical housing
surface where water or other
contaminants will not pool.
• Install vent with cap on exterior
of housing.
Recommended torque
0.3 ± 0.1 Nm
0.7 ± 0.1 Nm
0.7 ± 0.1 Nm
0.7 ± 0.1 Nm
5 Nm
0.9
± 0.3 Nm
Through-hole diameter
–
–
12.2
± 0.1 mm
12.2
± 0.1 mm
33
± 0.5 mm
12.2 ± 0.1 mm
GORETM Membrane
O-Ring 10x2
10
15.55 0.15
NEW
advanced cap



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com