Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP67 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # IP67
Description  Increase outdoor enclosure durability in harsh environments
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

IP67 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  IP67 Datasheet HTML 1Page - List of Unclassifed Manufacturers IP67 Datasheet HTML 2Page - List of Unclassifed Manufacturers IP67 Datasheet HTML 3Page - List of Unclassifed Manufacturers IP67 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
The Science Behind the Solution
GORE® Protective Vents incorporate a membrane of expanded
polytetrafluoroethylene (ePTFE). This unique membrane is
constructed with billions of pores 700 times larger than an air
molecule. These pores allow air to flow freely in and out of the
housing, which prevents stress on seals. At the same time, the
membrane pores — which are 20,000 times smaller than a drop of
water — serve as a barrier against water, dirt and debris. GORE®
Protective Vents can be designed with a variety of specific
properties for maximum performance in any venting application.
The GORE™ Membrane is:
• chemically inert
• UV-resistant
• non-shedding
• temperature-resistant
RoHS Information
W. L. Gore & Associates declares that the restricted substances
in the products listed in this document are below the thresholds
established in EU Commission Decision Directive 2011/65/EC,
Directive 2002/95/EC (RoHS) and Directive 2003/11/EC.
International Contacts
Protective Vents
adhesive vents
screw-in series
About W. L. Gore & Associates
Well known for waterproof, breathable GORE-TEX® fabric,
Gore is a technology-driven company focused on product
innovation. The company’s portfolio includes everything from
high-performance fabrics and implantable medical devices
to industrial manufacturing components and aerospace
electronics. Gore products have remained at the forefront of
creative solutions because they are engineered specifically
for challenging applications requiring durable performance
where other products fail.
For almost thirty years, Gore has delivered venting solutions
for a variety of applications installed in rugged environments
throughout the world — applications such as solar, lighting,
security, telecommunication and other electronic systems;
automotive and heavy-duty vehicles; and chemical and agricul-
tural packaging. Engineered with the latest materials and tech-
nology, GORE® Protective Vents are backed by years of research
and testing to help extend product life and enhance reliable
performance – all to ensure that these venting products maxi-
mize performance and extend the life of products used in the
most demanding applications.
Headquartered in the United States, Gore employs approximately
10,000 associates in 30 countries worldwide. In Europe, Gore
started its first business operations only a few years after the
Enterprise’s founding in 1958.
Learn more at gore.com.
Gore’s ePTFE membrane magnified 40,000 times.
W. L. Gore & Associates GmbH
Hermann-Oberth-Str. 26 • 85640 Putzbrunn • Germany
Tel.: +49 89 4612 2211 • Fax: +49 89 4612 2302
E-mail: protectivevents@wlgore.com
gore.com/protectivevents
Australia
+61 2 9473 6800
Benelux
+49 89 4612 2211
Brazil
+55 11 5502 7800
China
+86 21 5172 8299
France
+33 1 5695 6565
Germany
+49 89 4612 2211
India
+91 22 6768 7000
Italy
+39 045 6209 240
Japan
+81 3 6746 2572
Korea
+82 2 393 3411
Mexico
+52 81 8288 1283
Scandinavia
+46 31 706 7800
Singapore
+65 6733 2882
South Africa
+27 11 894 2248
South America
+55 11 5502 7800
Spain
+34 93 480 6900
Taiwan
+886 2 2173 7799
Turkey
+90 216 393 5749
United Kingdom +44 1506 460123
USA
+1 410 506 7812
FOR INDUSTRIAL USE ONLY. Not for use in food, drug, cosmetic or
medical device manufacturing, processing, or packaging operations.
All technical information and advice given here are based on Gore’s previous experiences and/or test re-
sults. Gore gives this information to the best of its knowledge, but assumes no legal responsibility.
Customers are asked to check the suitability and usability in the specific application, since the perform-
ance of the product can only be judged when all necessary operating data are available. The above
information is subject to change and is not to be used for specification purposes. Gore’s terms and
conditions of sale apply to the sale of the products by Gore.
GORE, GORE-TEX and designs are trademarks of W. L. Gore & Associates.
© 2011 - 2016 W. L. Gore & Associates GmbH



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com