Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP67 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # IP67
Description  Increase outdoor enclosure durability in harsh environments
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

IP67 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  IP67 Datasheet HTML 1Page - List of Unclassifed Manufacturers IP67 Datasheet HTML 2Page - List of Unclassifed Manufacturers IP67 Datasheet HTML 3Page - List of Unclassifed Manufacturers IP67 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
NEW
Venting for Protection
Harsh or changing environmental conditions cause pressure
changes that can stress outdoor enclosure seals to failure,
allowing contaminants to enter and damage sensitive electronics.
GORE® Protective Vents effectively equalize pressure and
reduce condensation in sealed enclosures, while keeping out
solid and liquid contaminants. They can improve the safety,
reliability and service life of outdoor electronic devices.
A Venting Portfolio for Any Application
GORE® Vents Screw-In Series is engineered to provide oleo-
phobic protection and withstand the mechanical stresses of
rugged environments. Choose from a full range of sizes and
performance options to meet all your application needs.
•
GORE® PolyVent XS has a compact, low-profile design that
meets some of the industry’s toughest standards, making
it ideal for today’s smaller (up to 2 l) housings.
•
GORE® PolyVent Standard offers reliable venting for volumes
up to 5 l, and comes in two colors and two thread sizes for
different wall thicknesses, with or without a counter nut.
•
GORE® PolyVent High Airflow has the protection level of
“Standard” – with nearly 10 times the airflow. For housings
up to 50 l, it easily manages the strong pressure differentials
caused by extreme weather.
•
GORE® PolyVent XL maintains exceptionally high airflow
in extra-large enclosures (volumes up to 200 l) and meets the
most rigorous standards, such as solar resistance (IEC 62108).
•
GORE® PolyVent Stainless Steel offers premium-level
durability, corrosion- and chemical resistance, to reliably
protect enclosures up to 20 l in the most extreme conditions.
Increase outdoor enclosure
durability in harsh environments
Protective Vents
adhesive vents
screw-in series
Realize the Benefits of
GORE® Vents Screw-In Series:
•
Easy to install: ensures fast, foolproof integration for
durable performance in any application.
•
Increased safety: the rugged screw-in construction,
improved cap design and O-ring keep the vent reliably
secured in the housing.
•
Reliable protection: even after immersion, the GORE™
Membrane blocks contaminant ingress.
•
Rugged durability: engineered for chemical, UV and
temperature resistance, and hydrolytic stability.
•
Product quality: 100% quality control, plus full trace-
ability for all vents with thread size M6 and M12.
•
Flammability resistance: All PolyVent caps, bodies
and O-rings are rated UL 94 V-0. PolyVent XS and Stainless
Steel also incorporate a UL 94 VTM-0 rated membrane!
NEW


Similar Part No. - IP67

ManufacturerPart #DatasheetDescription
logo
Rosenberger Hochfrequen...
IP67 ROSENBERGER-IP67 Datasheet
57Kb / 2P
7/16 STRAIGHT PLUG
logo
Bel Fuse Inc.
IP67 BEL-IP67 Datasheet
3Mb / 7P
IP68 Waterproof Connectors and Adapters
logo
List of Unclassifed Man...
IP67 ETC-IP67 Datasheet
6Mb / 16P
IP67 DIE-Cast Aluminium Enclosures With EPDM Continuous Seal
01/04/20 V1.0
logo
STEGO Elektrotechnik Gm...
IP67 STEGO-IP67 Datasheet
282Kb / 1P
PRESSURE COMPENSATION DEVICE (STAINLESS STEEL/ALUMINIUM)
24.02.2022
IP67 STEGO-IP67 Datasheet
1Mb / 1P
VENTILATION CABLE GLAND
15.09.2023
More results

Similar Description - IP67

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
802-019-AA2Z15-3PA GLENAIR-802-019-AA2Z15-3PA Datasheet
144Kb / 2P
Cordsets For Harsh Environments
803-008-AA2M5-3 GLENAIR-803-008-AA2M5-3 Datasheet
166Kb / 2P
Cordsets For Harsh Environments
804-014-AA2M5-3P GLENAIR-804-014-AA2M5-3P Datasheet
112Kb / 2P
Cordsets For Harsh Environments
805-008-AA2C8-4PA GLENAIR-805-008-AA2C8-4PA Datasheet
124Kb / 2P
Cordsets For Harsh Environments
logo
National Instruments Co...
NI9921 NI-NI9921 Datasheet
136Kb / 3P
Protection from harsh outdoor or industrial environments
logo
Tripp Lite. All Rights ...
SR12UBFFD TRIPPLITE-SR12UBFFD Datasheet
547Kb / 3P
12U SmartRack Rack Enclosure Cabinet for Harsh Environments
SR42UBEIS TRIPPLITE-SR42UBEIS Datasheet
520Kb / 3P
42U SmartRack NEMA 12 Rack Enclosure Cabinet for Harsh Environments
logo
TT Electronics.
V700 TTELEC-V700 Datasheet
309Kb / 3P
Stability for harsh environments
logo
Golledge Electronics Lt...
VCXO2EV GOLLEDGE-VCXO2EV Datasheet
546Kb / 4P
CMOS VCXO for Harsh Environments
logo
Tripp Lite. All Rights ...
SRX12UBFFD TRIPPLITE-SRX12UBFFD Datasheet
182Kb / 4P
SmartRack 12U IP54 Server-Depth Rack Enclosure Cabinet for Harsh Environments, 230V
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com