Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP83848-HT Datasheet(PDF) 39 Page - Texas Instruments

Click here to check the latest version.
Part # DP83848-HT
Description  DP83848-HT PHYTER™ Military Temperature Single Port 10/100 MB/S Ethernet Physical Layer Transceiver
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DP83848-HT Datasheet(HTML) 39 Page - Texas Instruments

Back Button DP83848-HT Datasheet HTML 35Page - Texas Instruments DP83848-HT Datasheet HTML 36Page - Texas Instruments DP83848-HT Datasheet HTML 37Page - Texas Instruments DP83848-HT Datasheet HTML 38Page - Texas Instruments DP83848-HT Datasheet HTML 39Page - Texas Instruments DP83848-HT Datasheet HTML 40Page - Texas Instruments DP83848-HT Datasheet HTML 41Page - Texas Instruments DP83848-HT Datasheet HTML 42Page - Texas Instruments DP83848-HT Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 81 page
background image
MDC
MDIO
(STA)
Idle
Start
Opcode
(Write)
PHY Address
(PHYAD = 0Ch)
Register Address
(00h = BMCR)
TA
Register Data
Idle
z
z
0
1
0
1
0
1
1
1
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
z
z
DP83848-HT
www.ti.com
SLLSEJ7 – FEBRUARY 2015
Figure 37. Typical MDC/MDIO Write Operation
8.4.4.3 Serial Management Preamble Suppression
The DP83848 supports a preamble suppression mode as indicated by a one in bit 6 of the basic mode status
register (BMSR, address 01h.) If the station management entity (i.e. MAC or other management controller)
determines that all PHYs in the system support preamble suppression by returning a one in this bit, then the
station management entity need not generate preamble for each management transaction.
The DP83848 requires a single initialization sequence of 32 bits of preamble following hardware/software reset.
This requirement is generally met by the mandatory pull-up resistor on MDIO in conjunction with a continuous
MDC, or the management access made to determine whether preamble suppression is supported.
While the DP83848 requires an initial preamble sequence of 32 bits for management initialization, it does not
require a full 32-bit sequence between each subsequent transaction. A minimum of one idle bit between
management transactions is required as specified in the IEEE 802.3u specification.
8.5 Programming
8.5.1 Auto-Negotiation
The auto-negotiation function provides a mechanism for exchanging configuration information between two ends
of a link segment and automatically selecting the highest performance mode of operation supported by both
devices. Fast link pulse (FLP) bursts provide the signalling used to communicate auto-negotiation abilities
between two devices at each end of a link segment. For further detail regarding auto-negotiation, refer to Clause
28 of the IEEE 802.3u specification. The DP83848 supports four different ethernet protocols (10 Mb/s half
duplex, 10 Mb/s full duplex, 100 Mb/s half duplex, and 100 Mb/s full duplex), so the inclusion of auto-negotiation
ensures that the highest performance protocol will be selected based on the advertised ability of the link partner.
The auto-negotiation function within the DP83848 can be controlled either by internal register access or by the
use of the AN_EN, AN1 and AN0 pins.
8.5.1.1 Auto-Negotiation Pin Control
The state of AN_EN, AN0 and AN1 determines whether the DP83848 is forced into a specific mode or auto-
negotiation will advertise a specific ability (or set of abilities) as given in Table 33. These pins allow configuration
options to be selected without requiring internal register access.
The state of AN_EN, AN0 and AN1, upon power-up/reset, determines the state of bits [8:5] of the ANAR register.
The auto-negotiation function selected at power-up or reset can be changed at any time by writing to the basic
mode control register (BMCR) at address 0x00h.
Table 33. Auto-Negotiation Modes
AN_EN
AN1
AN0
Forced Mode
0
0
0
10BASE-T, Half Duplex
0
0
1
10BASE-T, Full Duplex
0
1
0
100BASE-TX, Half Duplex
0
1
1
100BASE-TX, Full Duplex
AN_EN
AN1
AN0
Advertised Mode
1
0
0
10BASE-T, Half or Full Duplex
1
0
1
100BASE-TX, Half or Full Duplex
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
39
Product Folder Links: DP83848-HT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com