Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP83848-HT Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # DP83848-HT
Description  DP83848-HT PHYTER™ Military Temperature Single Port 10/100 MB/S Ethernet Physical Layer Transceiver
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DP83848-HT Datasheet(HTML) 13 Page - Texas Instruments

Back Button DP83848-HT Datasheet HTML 9Page - Texas Instruments DP83848-HT Datasheet HTML 10Page - Texas Instruments DP83848-HT Datasheet HTML 11Page - Texas Instruments DP83848-HT Datasheet HTML 12Page - Texas Instruments DP83848-HT Datasheet HTML 13Page - Texas Instruments DP83848-HT Datasheet HTML 14Page - Texas Instruments DP83848-HT Datasheet HTML 15Page - Texas Instruments DP83848-HT Datasheet HTML 16Page - Texas Instruments DP83848-HT Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 81 page
background image
(T/R)
IDLE
DATA
PMD input pair
CRS
T2.10.1
(J/K)
IDLE
DATA
PMD input pair
CRS
RXD[3:0]
RX_DV
RX_ER
T2.9.1
T2.9.2
DP83848-HT
www.ti.com
SLLSEJ7 – FEBRUARY 2015
Table 9. 100BASE-TX Receive Packet Latency Timing
PARAMETER(1)
NOTES(2)(3)
MIN
TYP
MAX
UNIT
T2.9.1
Carrier sense ON delay
100 Mb/s normal mode
20
bits
T2.9.2
Receive data latency
100 Mb/s normal mode
24
bits
(1)
Carrier sense ON delay is determined by measuring the time from the first bit of the “J” code group to the assertion of Carrier Sense.
(2)
1 bit time = 10 ns in 100 Mb/s mode.
(3)
PMD input pair voltage amplitude is greater than the signal detect turn-on threshold value.
Figure 9. 100BASE-TX Receive Packet Latency Timing
Table 10. 100BASE-TX Receive Packet Deassertion Timing
PARAMETER
NOTES(1)(2)
MIN
TYP
MAX
UNIT
T2.10.1
Carrier sense OFF delay
100 Mb/s normal mode
24
bits
(1)
Carrier sense off delay is determined by measuring the time from the first bit of the “T” code group to the deassertion of carrier sense.
(2)
1 bit time = 10 ns in 100 Mb/s mode
Figure 10. 100BASE-TX Receive Packet Deassertion Timing
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: DP83848-HT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com