Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP83848-HT Datasheet(PDF) 44 Page - Texas Instruments

Click here to check the latest version.
Part # DP83848-HT
Description  DP83848-HT PHYTER™ Military Temperature Single Port 10/100 MB/S Ethernet Physical Layer Transceiver
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DP83848-HT Datasheet(HTML) 44 Page - Texas Instruments

Back Button DP83848-HT Datasheet HTML 40Page - Texas Instruments DP83848-HT Datasheet HTML 41Page - Texas Instruments DP83848-HT Datasheet HTML 42Page - Texas Instruments DP83848-HT Datasheet HTML 43Page - Texas Instruments DP83848-HT Datasheet HTML 44Page - Texas Instruments DP83848-HT Datasheet HTML 45Page - Texas Instruments DP83848-HT Datasheet HTML 46Page - Texas Instruments DP83848-HT Datasheet HTML 47Page - Texas Instruments DP83848-HT Datasheet HTML 48Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 81 page
background image
VCC
AN0 = 1
AN1 = 1
AN_EN = 1
DP83848-HT
SLLSEJ7 – FEBRUARY 2015
www.ti.com
Figure 39. AN Strapping and LED Loading Example
8.5.4.2 LED Direct Control
The DP83848 provides another option to directly control any or all LED outputs through the LED direct control
register (LEDCR), address 18h. The register does not provide read access to LEDs.
8.5.5 Half Duplex vs Full Duplex
The DP83848 supports both half and full duplex operation at both 10 Mb/s and 100 Mb/s speeds.
Half duplex relies on the CSMA/CD protocol to handle collisions and network access. In half duplex mode, CRS
responds to both transmit and receive activity in order to maintain compliance with the IEEE 802.3 specification.
Since the DP83848 is designed to support simultaneous transmit and receive activity it is capable of supporting
fullduplex switched applications with a throughput of up to 200 Mb/s per port when operating in 100BASE-TX
mode. Because the CSMA/CD protocol does not apply to fullduplex operation, the DP83848 disables its own
internal collision sensing and reporting functions and modifies the behavior of carrier sense (CRS) such that it
indicates only receive activity. This allows a full duplex capable MAC to operate properly.
All modes of operation (100BASE-TX and 10BASE-T) can run either half duplex or full duplex. Additionally, other
than CRS and collision reporting, all remaining MII signaling remains the same regardless of the selected duplex
mode.
It is important to understand that while auto-negotiation with the use of fast link pulse code words can interpret
and configure to full duplex operation, parallel detection can not recognize the difference between full and half
duplex from a fixed 10 Mb/s or 100 Mb/s link partner over twisted pair. As specified in the 802.3u specification, if
a far-end link partner is configured to a forced full duplex 100BASE-TX ability, the parallel detection state
machine in the partner would be unable to detect the full duplex capability of the far-end link partner. This link
segment would negotiate to a half duplex 100BASE-TX configuration (same scenario for 10 Mb/s).
8.5.6 Internal Loopback
The DP83848 includes a loopback test mode for facilitating system diagnostics. The loopback mode is selected
through bit 14 (loopback) of the BMCR. Writing 1 to this bit enables MII transmit data to be routed to the MII
receive outputs. Loopback status may be checked in bit 3 of PHYSTS. While in loopback mode the data will not
be transmitted onto the media. To ensure that the desired operating mode is maintained, Auto-Negotiation
should be disabled before selecting the loopback mode.
8.5.7 BIST
The DP83848 incorporates an internal built-in self test (BIST) circuit to accommodate in-circuit testing or
diagnostics. The BIST circuit can be utilized to test the integrity of the transmit and receive data paths. BIST
testing can be performed with the part in the internal loopback mode or externally looped back using a loopback
cable fixture.
44
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated
Product Folder Links: DP83848-HT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com