Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32H757AI Datasheet(PDF) 76 Page - STMicroelectronics

Part # STM32H757AI
Description  Dual 32-bit Arm® Cortex®-M7 up to 480MHz and -M4 MCUs, 2MB Flash, 1MB RAM, 46 com. and analog interfaces, SMPS, DSI, crypto
PDF  251 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H757AI Datasheet(HTML) 76 Page - STMicroelectronics

Back Button STM32H757AI Datasheet HTML 72Page - STMicroelectronics STM32H757AI Datasheet HTML 73Page - STMicroelectronics STM32H757AI Datasheet HTML 74Page - STMicroelectronics STM32H757AI Datasheet HTML 75Page - STMicroelectronics STM32H757AI Datasheet HTML 76Page - STMicroelectronics STM32H757AI Datasheet HTML 77Page - STMicroelectronics STM32H757AI Datasheet HTML 78Page - STMicroelectronics STM32H757AI Datasheet HTML 79Page - STMicroelectronics STM32H757AI Datasheet HTML 80Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 251 page
background image
Pin descriptions
STM32H757xI
76/251
DS12931 Rev 1
J3
H10
98
116
P15
PD15
I/O
FT_
h
-
TIM4_CH4,
SAI3_MCLK_A,
UART8_RTS/
UART8_DE,
FMC_D1/FMC_DA1,
EVENTOUT
-
-
---
N15
PJ6
I/O
FT
-
TIM8_CH2, LCD_R7,
EVENTOUT
-
-
---
N14
PJ7
I/O
FT
-
TRGIN, TIM8_CH2N,
LCD_G0, EVENTOUT
-
K2
-
-
-
N10
VDD
S
-
-
-
-
-C12
-
-
R8
VSS
S
-
-
-
-
-
---
N13
PJ8
I/O
FT
-
TIM1_CH3N,
TIM8_CH1, UART8_TX,
LCD_G1, EVENTOUT
-
-
---
M14
PJ9
I/O
FT
-
TIM1_CH3,
TIM8_CH1N,
UART8_RX, LCD_G2,
EVENTOUT
-
-
---
L14
PJ10
I/O
FT
-
TIM1_CH2N,
TIM8_CH2, SPI5_MOSI,
LCD_G3, EVENTOUT
-
-
---
K14
PJ11
I/O
FT
-
TIM1_CH2,
TIM8_CH2N,
SPI5_MISO, LCD_G4,
EVENTOUT
-
--
99
117
N8
VDD
S
-
-
-
-
M13
-
-
P17
VDDDSI
S
-
-
-
-
-
100
118
U1
VSS
S
-
-
-
K1
L12
101
119
N17
VCAPDSI
S
-
-
-
-
-
102
120
-
VDD12DSI
S
-
-
-
J2
K12
103
121
M16
DSI_D0P
I/O
TT
-
-
-
J1
K13
104
122
M17
DSI_D0N
I/O
TT
-
-
-
H3
G12
105
123
K15
VSSDSI
S
-
-
-
H2
J12
106
124
L16
DSI_CKP
I/O
TT
-
-
-
H1
J13
107
125
L17
DSI_CKN
I/O
TT
-
-
-
Table 8. STM32H757xI pin/ball definition (continued)
Pin/ball name
Pin name
(function
after reset)
Alternate functions
Additional
functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com