Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32H757AI Datasheet(PDF) 17 Page - STMicroelectronics

Part # STM32H757AI
Description  Dual 32-bit Arm® Cortex®-M7 up to 480MHz and -M4 MCUs, 2MB Flash, 1MB RAM, 46 com. and analog interfaces, SMPS, DSI, crypto
PDF  251 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H757AI Datasheet(HTML) 17 Page - STMicroelectronics

Back Button STM32H757AI Datasheet HTML 13Page - STMicroelectronics STM32H757AI Datasheet HTML 14Page - STMicroelectronics STM32H757AI Datasheet HTML 15Page - STMicroelectronics STM32H757AI Datasheet HTML 16Page - STMicroelectronics STM32H757AI Datasheet HTML 17Page - STMicroelectronics STM32H757AI Datasheet HTML 18Page - STMicroelectronics STM32H757AI Datasheet HTML 19Page - STMicroelectronics STM32H757AI Datasheet HTML 20Page - STMicroelectronics STM32H757AI Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 251 page
background image
DS12931 Rev 1
17/251
STM32H757xI
Description
55
DFSDM
Yes
Maximum CPU frequency
480 MHz
Operating voltage
1.62 to 3.6 V(2)
Operating temperatures
Ambient temperatures: –40 up to +85 °C(3)
Junction temperature: –40 to + 125 °C
Package
WLCSP156
UFBGA169
LQFP176
LQFP208
TFBGA240+
25
1. The SPI1, SPI2 and SPI3 interfaces give the flexibility to work in an exclusive way in either the SPI mode or the I2S audio
mode.
2. VDD/VDDA can drop down to 1.62 V by using an external power supervisor (see Section 3.5.2: Power supply supervisor)
and connecting PDR_ON pin to VSS. Otherwise the supply voltage must stay above 1.71 V with the embedded power
voltage detector enabled.
3. The product junction temperature must be kept within the –40 to +125 °C range.
Table 2. STM32H757xI features and peripheral counts (continued)
Peripherals
STM32H757
ZI
STM32H757
AI
STM32H75
7II
STM32H75
7BI
STM32H757
XI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com