Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32H757AI Datasheet(PDF) 16 Page - STMicroelectronics

Part # STM32H757AI
Description  Dual 32-bit Arm® Cortex®-M7 up to 480MHz and -M4 MCUs, 2MB Flash, 1MB RAM, 46 com. and analog interfaces, SMPS, DSI, crypto
PDF  251 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H757AI Datasheet(HTML) 16 Page - STMicroelectronics

Back Button STM32H757AI Datasheet HTML 12Page - STMicroelectronics STM32H757AI Datasheet HTML 13Page - STMicroelectronics STM32H757AI Datasheet HTML 14Page - STMicroelectronics STM32H757AI Datasheet HTML 15Page - STMicroelectronics STM32H757AI Datasheet HTML 16Page - STMicroelectronics STM32H757AI Datasheet HTML 17Page - STMicroelectronics STM32H757AI Datasheet HTML 18Page - STMicroelectronics STM32H757AI Datasheet HTML 19Page - STMicroelectronics STM32H757AI Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 251 page
background image
Description
STM32H757xI
16/251
DS12931 Rev 1
Ethernet
Yes
Timers
High-resolution
1
General-purpose
10
Advanced-control (PWM)
2
Basic
2
Low-power
5
Wakeup pins
Tamper pins
4
2
6
3
Random number generator
Yes
Cryptographic accelerator
Yes
Communication
interfaces
SPI / I2S6/3(1)
I2C4
USART/ UART/
LPUART
4/4/
1
SAI
4
SPDIFRX
4 inputs
SWPMI
Yes
MDIO
Yes
SDMMC
2
FDCAN/TT-FDCAN
1/1
USB OTG_FS
Yes
USB OTG_HS
Yes
Ethernet and camera interface
Yes
LCD-TFT
Yes
MIPI-DSI Host
Yes
JPEG Codec
Yes
Chrom-ART Accelerator™ (DMA2D)
Yes
16-bit ADCs
Number of Direct channels
Number of Fast channels
Number of Slow channels
3
2
7
14
2
9
17
2
9
21
4
9
23
12-bit DAC
Number of channels
Yes
2
Comparators
2
Operational amplifiers
2
Table 2. STM32H757xI features and peripheral counts (continued)
Peripherals
STM32H757
ZI
STM32H757
AI
STM32H75
7II
STM32H75
7BI
STM32H757
XI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com