Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32H757AI Datasheet(PDF) 118 Page - STMicroelectronics

Part # STM32H757AI
Description  Dual 32-bit Arm® Cortex®-M7 up to 480MHz and -M4 MCUs, 2MB Flash, 1MB RAM, 46 com. and analog interfaces, SMPS, DSI, crypto
PDF  251 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H757AI Datasheet(HTML) 118 Page - STMicroelectronics

Back Button STM32H757AI Datasheet HTML 114Page - STMicroelectronics STM32H757AI Datasheet HTML 115Page - STMicroelectronics STM32H757AI Datasheet HTML 116Page - STMicroelectronics STM32H757AI Datasheet HTML 117Page - STMicroelectronics STM32H757AI Datasheet HTML 118Page - STMicroelectronics STM32H757AI Datasheet HTML 119Page - STMicroelectronics STM32H757AI Datasheet HTML 120Page - STMicroelectronics STM32H757AI Datasheet HTML 121Page - STMicroelectronics STM32H757AI Datasheet HTML 122Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 118 / 251 page
background image
Electrical characteristics
STM32H757xI
118/251
DS12931 Rev 1
Table 32. Typical and maximum current consumption in Run mode, code with data processing
running from ITCM for Cortex-M7 core, and Flash memory for Cortex-M4
(ART accelerator ON), LDO regulator ON(1)(2)
Symbol Parameter
Conditions
Arm
Cortex-
M7
fCPU1
(MHz)
Arm
Cortex-
M4
fCPU2
(MHz)
Typ
Max(3)
Unit
Tj=
25 °C
Tj=
85 °C
Tj=
105°C
Tj=
125°C
IDD
Supply
current in
Run mode
All
peripherals
disabled
VOS0
480
240
179
272
387
498
mA
400
200
151
-
-
-
VOS1
400
200
132
181
292
382
502
VOS2
300
150
91
122
211
281
377
VOS3
200
100
56
79
150
206
284
All
peripherals
enabled
VOS0
480
240
247
374
462
571
400
200
208
-
-
-
VOS1
400
200
181
232
337
422
541
VOS2
300
150
126
163
248
318
414
VOS3
200
100
78
104
173
229
307
1. Data are in DTCM for best computation performance, the cache has no influence on consumption in this case.
2. The grayed cells correspond to the forbidden configurations.
3. Guaranteed by characterization results, unless otherwise specified.
Table 33. Typical and maximum current consumption in Run mode, code with data processing
running from ITCM for Arm Cortex-M7 and Flash memory for Arm Cortex-M4,
ART accelerator ON, SMPS regulator(1)
Symbol Parameter
Conditions
Arm
Cortex-
M7
fCPU1
(MHz)
Arm
Cortex-
M4
fCPU2
(MHz)
Typ
Max
Unit
Tj=
25 °C
Tj=
85 °C
Tj=
105°C
Tj=
125°C
IDD
Supply
current in
Run mode
All
peripherals
disabled
VOS1
400
200
58.3
79.0
129.0
175.1
236.0
mA
VOS2
300
150
37.0
50.2
84.7
115.6
161.1
VOS3
200
100
21.5
29.9
56.1
77.1
107.6
All
peripherals
enabled
VOS1
400
200
78.1 100.1
148.9
193.4
254.3
VOS2
300
150
51.2
65.5
100.8
130.9
176.9
VOS3
200
100
29.5
39.4
63.9
86.7
116.3
1. The parameters given in the above table for the SMPS regulator are derived by extrapolation from the LDO consumption
and typical SMPS efficiency factors
.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com