Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32H757AI Datasheet(PDF) 123 Page - STMicroelectronics

Part # STM32H757AI
Description  Dual 32-bit Arm® Cortex®-M7 up to 480MHz and -M4 MCUs, 2MB Flash, 1MB RAM, 46 com. and analog interfaces, SMPS, DSI, crypto
PDF  251 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H757AI Datasheet(HTML) 123 Page - STMicroelectronics

Back Button STM32H757AI Datasheet HTML 119Page - STMicroelectronics STM32H757AI Datasheet HTML 120Page - STMicroelectronics STM32H757AI Datasheet HTML 121Page - STMicroelectronics STM32H757AI Datasheet HTML 122Page - STMicroelectronics STM32H757AI Datasheet HTML 123Page - STMicroelectronics STM32H757AI Datasheet HTML 124Page - STMicroelectronics STM32H757AI Datasheet HTML 125Page - STMicroelectronics STM32H757AI Datasheet HTML 126Page - STMicroelectronics STM32H757AI Datasheet HTML 127Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 123 / 251 page
background image
DS12931 Rev 1
123/251
STM32H757xI
Electrical characteristics
230
Table 41. Typical and maximum current consumption in Run mode, code with data processing
running from Flash memory, only Arm Cortex-M4 running, ART accelerator ON,
LDO regulator ON(1)
Symbol
Parameter
Conditions
fCPU2
(MHz)
Typ
Max(2)
Unit
Tj=25
°C
Tj=85
°C
Tj=105
°C
Tj=125
°C
IDD
Supply
current in
Run mode
All
peripherals
disabled
VOS0
240
121
203
339
453
mA
200
90
-
-
-
VOS1
200
79
123
234
323
444
150
61
-
---
VOS2
150
56
85
178
250
350
VOS3
100
35
59
131
189
269
All
peripherals
enabled
VOS0
240
190
303
412
525
200
146
-
-
-
VOS1
200
129
195
287
376
499
VOS2
150
90
134
214
287
386
VOS3
100
61
100
158
216
297
1. The grayed cells correspond to the forbidden configurations.
2. Guaranteed by characterization results, unless otherwise specified.
Table 42. Typical and maximum current consumption in Run mode, code with data processing
running from Flash bank 2, only Arm Cortex-M4 running, ART accelerator ON,
SMPS regulator(1)
Symbol
Parameter
Conditions
Typ
Max
Unit
Tj=25
°C
Tj=85
°C
Tj=105
°C
Tj=125
°C
IDD
Supply
current in Run
mode
All
peripherals
disabled
VOS1
35.3
54.3
102.1
144.4
203.5
mA
VOS2
23.3
35.0
70.6
99.2
145.8
VOS3
13.6
22.3
49.0
69.8
101.9
All
peripherals
enabled
VOS1
57.0
84.1
126.8
172.3
234.6
VOS2
36.6
54.5
84.9
118.1
165.0
VOS3
23.1
37.4
58.4
79.8
112.5
1. The parameters given in the above table for the SMPS regulator are derived by extrapolation from the LDO consumption
and typical SMPS efficiency factors
.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com