Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APR349 Datasheet(PDF) 4 Page - Diodes Incorporated

Part # APR349
Description  SECONDARY SIDE SYNCHRONOUS RECTIFICATION CONTROLLER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

APR349 Datasheet(HTML) 4 Page - Diodes Incorporated

  APR349 Datasheet HTML 1Page - Diodes Incorporated APR349 Datasheet HTML 2Page - Diodes Incorporated APR349 Datasheet HTML 3Page - Diodes Incorporated APR349 Datasheet HTML 4Page - Diodes Incorporated APR349 Datasheet HTML 5Page - Diodes Incorporated APR349 Datasheet HTML 6Page - Diodes Incorporated APR349 Datasheet HTML 7Page - Diodes Incorporated APR349 Datasheet HTML 8Page - Diodes Incorporated APR349 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
APR349
Document number: DS43554 Rev. 2 - 2
4 of 10
www.diodes.com
July 2021
© Diodes Incorporated
APR349
Electrical Characteristics (@ VOUT = 5V, TA = -40°C < TA < +85°C, unless otherwise specified.)
Symbol
Parameter
Condition
Min
Typ
Max
Unit
Output Voltage ( VOUT Pin )
VOUT_ON
LDO Enable Threshold When VOUT
Rising
4.1
4.4
4.7
V
VOUT_OFF
LDO Disable Threshold When VOUT
Falling
4.0
4.3
4.6
V
Internal Supply Section (VDD Pin )
VDD_ON
VDD Startup Voltage
3.55
3.75
3.95
V
VDD_OFF
VDD UVLO Voltage
3.35
3.55
3.75
V
VDD_REG
VDD Regulation Voltage(Include
VVDD_REG_OUT , VVDD_REG_DRAIN )
VVDD_REG_OUT, VOUT = 12V,
VDRAIN = 12V
5
5.5
6
V
VVDD_REG_DRAIN, VOUT = 3V,
VDRAIN = 12V
5.3
5.7
6.5
V
ISTARTUP
VDD Startup Current
VOUT = 0,
VDD = VDD_ST - 0.1V
140
165
µA
IMAX_VDD
Maximum Charging Current from LDO to
VDD
VOUT = 12V
65
90
120
mA
IQ_VDD
Quiescent Current
VDD = 5.0V, VOUT = 0
215
255
µA
DRAIN Detection (DRAIN Pin )
VON_TH
Gate Turn-On Threshold Voltage
Voltage at DRAIN Pin
-225
-200
-175
mV
VON_REG
Gate Turn-On Regulation Voltage
Voltage at DRAIN Pin
-50
-40
-30
mV
VON_OFF
Gate Turn-Off Threshold Voltage
Voltage at DRAIN Pin
-15
-7
0
mV
ICHG_VDD
Maximum Charging Current from DRAIN
to VDD
VDRAIN = 12V
55
75
100
mA
Gate Driver (
GATE Pin )
VGATE_H
Gate Output High Voltage
VDD = 5V
4.9
5
V
VGATE_L_PRE
Gate Output Low Voltage before Startup
VDD = 0, VDRAIN = 8V,
ILOAD = 100mA
200
300
mV
VGATE_L
Gate Output Low Voltage after Startup
VDD ≥ VDD_ON,
ILOAD = 100mA
70
140
mV
ISOURCE_MAX
Maximum GATE Sourcing Current
(Note 7)
0.6
A
ISINK_MAX
Maximum GATE Sinking Current
(Note 7)
3.5
A
RGATE_L
GATE Pull-Low Resistance
IG_LOAD = 100mA, VDD = 5V
0.7
1.4
Control Section
tON_MIN
GATE Minimum On Time
0.65
0.9
1.15
µs
tOFF_MIN
GATE Minimum Off Time
0.35
0.5
0.71
µs
tD_ON
Turn-On Delay
CLOAD = 2.2nF
30
60
ns
tD_OFF
Turn-Off Propagation Delay
15
45
ns
Kqs
A Fixed Coefficient Correlated with
Voltage-Second Area Criteria
0.43
0.5
0.57
mA*
μs
Note:
7. Guaranteed by design.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com