Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APR349 Datasheet(PDF) 7 Page - Diodes Incorporated

Part # APR349
Description  SECONDARY SIDE SYNCHRONOUS RECTIFICATION CONTROLLER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

APR349 Datasheet(HTML) 7 Page - Diodes Incorporated

Back Button APR349 Datasheet HTML 2Page - Diodes Incorporated APR349 Datasheet HTML 3Page - Diodes Incorporated APR349 Datasheet HTML 4Page - Diodes Incorporated APR349 Datasheet HTML 5Page - Diodes Incorporated APR349 Datasheet HTML 6Page - Diodes Incorporated APR349 Datasheet HTML 7Page - Diodes Incorporated APR349 Datasheet HTML 8Page - Diodes Incorporated APR349 Datasheet HTML 9Page - Diodes Incorporated APR349 Datasheet HTML 10Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
APR349
Document number: DS43554 Rev. 2 - 2
7 of 10
www.diodes.com
July 2021
© Diodes Incorporated
APR349
Operation Description (continued)
Smart-Blanking Control
Because of the resonance oscillation of the primary inductance and equivalent output capacitance of the switching device, the voltage on the
MOSFET drain pin has an under damped voltage ring in DCM operation mode. In some special occasions, such as output transition periods or
light-load conditions, the SR MOSFET would turn on falsely during the tOFF period when the ring of the VDRAIN meets the conduction requirement.
When the turn
–on of the primary MOSFET meets the false turn-on of the SR, the transformer would immediately be shoot through. To avoid such
faults, the device has a built-in smart blanking function to prevent continuous false turn-ons. The SR gate driver will blank for a period of 20
μs
when detecting a false turn-on twice in a period of 4
μs in tOFF period. Figure 3 shows a smart-blanking control method.
VDRAIN
Gate
tONP tONS
tOFF
tONP tONS
tOFF
< 4µs
tBLANK = 20µs
< 4µs
tBLANK = 20µs
Figure 3. Smart-Blanking Control Method
GATE Turn-Off Logic
When VDRAIN rises to the turn-off threshold (-7mV), the synchronous rectification MOSFET gate voltage will be pulled down quickly from a low
voltage to zero after a very short turn-off delay. For CCM mode, the secondary VDRAIN will rise up as the primary MOSFET turns on. Once drain
voltage rises to the turn-off threshold, the gate driving signal will immediately shut down.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com