Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APR349 Datasheet(PDF) 3 Page - Diodes Incorporated

Part # APR349
Description  SECONDARY SIDE SYNCHRONOUS RECTIFICATION CONTROLLER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

APR349 Datasheet(HTML) 3 Page - Diodes Incorporated

  APR349 Datasheet HTML 1Page - Diodes Incorporated APR349 Datasheet HTML 2Page - Diodes Incorporated APR349 Datasheet HTML 3Page - Diodes Incorporated APR349 Datasheet HTML 4Page - Diodes Incorporated APR349 Datasheet HTML 5Page - Diodes Incorporated APR349 Datasheet HTML 6Page - Diodes Incorporated APR349 Datasheet HTML 7Page - Diodes Incorporated APR349 Datasheet HTML 8Page - Diodes Incorporated APR349 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
APR349
Document number: DS43554 Rev. 2 - 2
3 of 10
www.diodes.com
July 2021
© Diodes Incorporated
APR349
Absolute Maximum Ratings (Note 4)
Symbol
Parameter
Rating
Unit
VOUT
Supply Voltage
-0.3 to 28
V
VDRAIN
Voltage at DRAIN Pin (Note 5)
-0.7 to 120
V
VGATE
Voltage at GATE Pin
-0.3 to 7
V
VRX
Voltage at Rx Pin
-0.3 to 7
V
PD
Power Dissipation at TA = +25°C
0.6
W
TJ
Operating Junction Temperature
+150
°C
TSTG
Storage Temperature
-65 to +150
°C
TLEAD
Lead Temperature (Soldering, 10s)
+300
°C
θJA
Thermal Resistance (Junction to Ambient) (Note 6)
200
°C/W
ESD
Human Body Model
5000
V
Charged Device Model
1500
V
Notes:
4. Stresses greater than those listed under Absolute Maximum Ratings can cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under Recommended Operating Conditions is not implied.
Exposure to Absolute Maximum Ratings for extended periods can affect device reliability.
5. If -0.7V to -2V negative voltage is applied to DRAIN pin, the period of negative pulse is lower than 0.1
μs.
6. Test condition: Device mounted on FR-4 substrate PC board, 1mm width,20mm length, 2oz power lead.
Recommended Operating Conditions
Symbol
Parameter
Min
Max
Unit
VOUT
Supply Voltage
0
24
V
TA
Ambient Temperature
-40
+85
°C



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com